Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 102 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 102 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 98Page - Cirrus Logic CS47L85 Datasheet HTML 99Page - Cirrus Logic CS47L85 Datasheet HTML 100Page - Cirrus Logic CS47L85 Datasheet HTML 101Page - Cirrus Logic CS47L85 Datasheet HTML 102Page - Cirrus Logic CS47L85 Datasheet HTML 103Page - Cirrus Logic CS47L85 Datasheet HTML 104Page - Cirrus Logic CS47L85 Datasheet HTML 105Page - Cirrus Logic CS47L85 Datasheet HTML 106Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 370 page
background image
CS47L85
102
Rev 4.3
In the case of an ERM actuator (HAP_ACT = 0), the haptic output is a DC signal level, which may be positive or negative,
as selected by the *_INTENSITY registers.
For an LRA actuator (HAP_ACT = 1), the haptic output is an AC signal; selecting a negative signal level corresponds to a
180 degree phase inversion. In some applications, phase inversion may be desirable during the final phase, to halt the
physical motion of the haptic device.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R144
(0090h)
Haptics_C
ontrol_1
4
ONESHOT_TRIG
0
Haptic One-Shot Trigger
Writing ‘1’ starts the one-shot profile (i.e.,
Phase 1, Phase 2, Phase 3)
3:2
HAP_CTRL [1:0]
00
Haptic Signal Generator Control
00 = Disabled
01 = Continuous
10 = One-Shot
11 = Reserved
1
HAP_ACT
0
Haptic Actuator Select
0 = Eccentric Rotating Mass (ERM)
1 = Linear Resonant Actuator (LRA)
R145
(0091h)
Haptics_C
ontrol_2
14:0
LRA_FREQ
[14:0]
7FFFh
Haptic Resonant Frequency
Selects the haptic signal frequency (LRA
actuator only, HAP_ACT = 1)
Haptic Frequency (Hz) =
System Clock / (2 x (LRA_FREQ+1))
where System Clock = 6.144MHz or
5.6448MHz, derived by division from
SYSCLK or ASYNCCLK.
If HAP_RATE<1000, then SYSCLK is the
clock source, and the applicable System
Clock frequency is determined by
SYSCLK.
If HAP_RATE>=1000, then ASYNCCLK is
the clock source, and the applicable
System Clock frequency is determined by
ASYNCCLK.
Valid for Haptic Frequency in the range
100Hz to 250Hz
For 6.144MHz System Clock:
77FFh = 100Hz
4491h = 175Hz
2FFFh = 250Hz
For 5.6448MHz System Clock:
6E3Fh = 100Hz
3EFFh = 175Hz
2C18h = 250Hz
R146
(0092h)
Haptics_p
hase_1_in
tensity
7:0
PHASE1_INTEN
SITY [7:0]
00h
Haptic Output Level (Phase 1)
Selects the signal intensity of Phase 1 in
one-shot mode.
Coded as 2’s complement.
Range is +/- Full Scale (FS).
For ERM actuator, this selects the DC
signal level for the haptic output.
For LRA actuator, this selects the AC peak
amplitude; Negative values correspond to
a 180 degree phase shift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com