Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 105 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 105 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 101Page - Cirrus Logic CS47L85 Datasheet HTML 102Page - Cirrus Logic CS47L85 Datasheet HTML 103Page - Cirrus Logic CS47L85 Datasheet HTML 104Page - Cirrus Logic CS47L85 Datasheet HTML 105Page - Cirrus Logic CS47L85 Datasheet HTML 106Page - Cirrus Logic CS47L85 Datasheet HTML 107Page - Cirrus Logic CS47L85 Datasheet HTML 108Page - Cirrus Logic CS47L85 Datasheet HTML 109Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 370 page
background image
CS47L85
Rev 4.3
105
4-input mixer is associated with each PWM generator, as illustrated in Figure 36.
When the PWMn_OVD bit is set, the duty cycle of the respective PWM generator is set to a fixed ratio; in this case, the duty
cycle ratio is configurable using the PWMn_LVL registers.
The PWM generator clock frequency is selected using PWM_CLK_SEL. For best performance, this register should be set
to the highest available setting. Note that the PWM generator clock must not be set to a higher frequency than SYSCLK (if
PWM_RATE<1000) or ASYNCCLK (if PWM_RATE
≥1000).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R48 (0030h)
PWM_Drive
_1
10:8
PWM_CLK_SEL
[2:0]
000
PWM Clock Select
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
All other codes are Reserved
The frequencies in brackets apply for
44.1kHz-related sample rates only.
PWM_CLK_SEL controls the resolution
of the PWM generator; higher settings
correspond to higher resolution.
The PWM Clock must be less than or
equal to SYSCLK (if PWM_RATE<1000)
or less than or equal to ASYNCCLK (if
PWM_RATE>=1000).
5
PWM2_OVD
0
PWM2 Generator Override
0 = Disabled (PWM duty cycle is
controlled by audio source)
1 = Enabled (PWM duty cycle is
controlled by PWM2_LVL).
4
PWM1_OVD
0
PWM1 Generator Override
0 = Disabled (PWM1 duty cycle is
controlled by audio source)
1 = Enabled (PWM1 duty cycle is
controlled by PWM1_LVL).
1
PWM2_ENA
0
PWM2 Generator Enable
0 = Disabled
1 = Enabled
0
PWM1_ENA
0
PWM1 Generator Enable
0 = Disabled
1 = Enabled
R49 (0031h)
PWM_Drive
_2
9:0
PWM1_LVL [9:0]
100h
PWM1 Override Level
Sets the PWM1 duty cycle when
PWM1_OVD=1.
Coded as 2’s complement.
000h = 50% duty cycle
200h = 0% duty cycle
R50 (0032h)
PWM_Drive
_3
9:0
PWM2_LVL [9:0]
100h
PWM2 Override Level
Sets the PWM2 duty cycle when
PWM2_OVD=1.
Coded as
2’s complement.
000h = 50% duty cycle
200h = 0% duty cycle
Table 21 Pulse Width Modulation (PWM) Generator Control
The CS47L85 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the digital mixer
paths. If an attempt is made to enable a PWM signal mixer path, and there are insufficient SYSCLK cycles to support it, then
the attempt will be unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The status bits in Registers R1600 to R3192 indicate the status of each of the digital mixers. If an Underclocked Error
condition occurs, then these bits provide readback of which mixer(s) have been successfully enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com