Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 106 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 106 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 102Page - Cirrus Logic CS47L85 Datasheet HTML 103Page - Cirrus Logic CS47L85 Datasheet HTML 104Page - Cirrus Logic CS47L85 Datasheet HTML 105Page - Cirrus Logic CS47L85 Datasheet HTML 106Page - Cirrus Logic CS47L85 Datasheet HTML 107Page - Cirrus Logic CS47L85 Datasheet HTML 108Page - Cirrus Logic CS47L85 Datasheet HTML 109Page - Cirrus Logic CS47L85 Datasheet HTML 110Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 370 page
background image
CS47L85
106
Rev 4.3
SAMPLE RATE CONTROL
The CS47L85 supports multiple signal paths through the digital core. Stereo full-duplex sample rate conversion is provided
to allow digital audio to be routed between interfaces operating at different sample rates and/or referenced to asynchronous
clock domains.
Two independent clock domains are supported for the audio signal paths, referenced to SYSCLK and ASYNCCLK
respectively, as described in “Clocking and Sample Rates”. Every digital signal path must be synchronised either to SYSCLK
or to ASYNCCLK.
Up to five different sample rates may be in use at any time on the CS47L85. Three of these sample rates must be
synchronised to SYSCLK; the remaining two, where required, must be synchronised to ASYNCCLK.
Sample rate conversion is required when routing any audio path between digital functions that are asynchronous and/or
configured for different sample rates.
There are two Asynchronous Sample Rate Converters (ASRCs). Each ASRC supports 2-way stereo conversion paths
between the SYSCLK and ASYNCCLK domains. The ASRCs are described later, and is illustrated in Figure 38.
There are four Isochronous Sample Rate Converters (ISRCs). ISRC1 and ISRC2 support 2-way, 4-channel conversion
paths between sample rates on the SYSCLK domain, or between sample rates on the ASYNCCLK domain. ISRC3 and
ISRC4 provide similar functionality for up to 2 channels each. The ISRCs are described later, and are illustrated in Figure
39.
The sample rate of different blocks within the CS47L85 digital core are controlled as illustrated in Figure 37 - the *_RATE
registers select the applicable sample rate for each respective group of digital functions.
The *_RATE registers should not be changed if any of the *_SRCn registers associated with the respective functions is non-
zero. The associated *_SRCn registers should be cleared to 00h before writing new values to the *_RATE registers. A
minimum delay of 125us should be allowed between clearing the *_SRCn registers and writing to the associated *_RATE
registers. See Table 22 for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com