Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 180 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 180 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 176Page - Cirrus Logic CS47L85 Datasheet HTML 177Page - Cirrus Logic CS47L85 Datasheet HTML 178Page - Cirrus Logic CS47L85 Datasheet HTML 179Page - Cirrus Logic CS47L85 Datasheet HTML 180Page - Cirrus Logic CS47L85 Datasheet HTML 181Page - Cirrus Logic CS47L85 Datasheet HTML 182Page - Cirrus Logic CS47L85 Datasheet HTML 183Page - Cirrus Logic CS47L85 Datasheet HTML 184Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 370 page
background image
CS47L85
180
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AIF3RX1_ENA
0
AIF3 Audio Interface RX Channel 1
Enable
0 = Disabled
1 = Enabled
Table 43 AIF3 Signal Path Enable
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1465
(05B9h)
AIF4_Tx_
Enables
1
AIF4TX2_ENA
0
AIF4 Audio Interface TX Channel 2
Enable
0 = Disabled
1 = Enabled
0
AIF4TX1_ENA
0
AIF4 Audio Interface TX Channel 1
Enable
0 = Disabled
1 = Enabled
R1466
(05BAh)
AIF4_Rx_
Enables
1
AIF4RX2_ENA
0
AIF4 Audio Interface RX Channel 2
Enable
0 = Disabled
1 = Enabled
0
AIF4RX1_ENA
0
AIF4 Audio Interface RX Channel 1
Enable
0 = Disabled
1 = Enabled
Table 44 AIF4 Signal Path Enable
AIF BCLK AND LRCLK CONTROL
The AIFnBCLK frequency is selected by the AIFn_BCLK_FREQ register. For each value of this register, the actual frequency
depends upon whether AIFn is configured for a 48kHz-related sample rate or a 44.1kHz-related sample rate, as described
below.
If AIFn_RATE<1000 (see Table 22), then AIFn is referenced to the SYSCLK clocking domain and the applicable frequency
depends upon the SAMPLE_RATE_1, SAMPLE_RATE_2 or SAMPLE_RATE_3 registers.
If AIFn_RATE
≥1000, then AIFn is referenced to the ASYNCCLK clocking domain and the applicable frequency depends
upon the ASYNC_SAMPLE_RATE_1 or ASYNC_SAMPLE_RATE_2 registers.
The selected AIFnBCLK rate must be less than or equal to SYSCLK/2, or ASYNCCLK/2, as applicable.
See “Clocking and
Sample Rates
” for details of SYSCLK and ASYNCCLK domains, and the associated control registers.
The AIFnLRCLK frequency is controlled relative to AIFnBCLK by the AIFn_BCPF divider.
Note that the BCLK rate must be configured in Master or Slave modes, using the AIFn_BCLK_FREQ registers. The LRCLK
rate(s) only require to be configured in Master mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com