Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 179 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 179 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 175Page - Cirrus Logic CS47L85 Datasheet HTML 176Page - Cirrus Logic CS47L85 Datasheet HTML 177Page - Cirrus Logic CS47L85 Datasheet HTML 178Page - Cirrus Logic CS47L85 Datasheet HTML 179Page - Cirrus Logic CS47L85 Datasheet HTML 180Page - Cirrus Logic CS47L85 Datasheet HTML 181Page - Cirrus Logic CS47L85 Datasheet HTML 182Page - Cirrus Logic CS47L85 Datasheet HTML 183Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 370 page
background image
CS47L85
Rev 4.3
179
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
AIF2TX2_ENA
0
AIF2 Audio Interface TX Channel 2
Enable
0 = Disabled
1 = Enabled
0
AIF2TX1_ENA
0
AIF2 Audio Interface TX Channel 1
Enable
0 = Disabled
1 = Enabled
R1370
(055Ah)
AIF2_Rx_
Enables
7
AIF2RX8_ENA
0
AIF2 Audio Interface RX Channel 8
Enable
0 = Disabled
1 = Enabled
6
AIF2RX7_ENA
0
AIF2 Audio Interface RX Channel 7
Enable
0 = Disabled
1 = Enabled
5
AIF2RX6_ENA
0
AIF2 Audio Interface RX Channel 6
Enable
0 = Disabled
1 = Enabled
4
AIF2RX5_ENA
0
AIF2 Audio Interface RX Channel 5
Enable
0 = Disabled
1 = Enabled
3
AIF2RX4_ENA
0
AIF2 Audio Interface RX Channel 4
Enable
0 = Disabled
1 = Enabled
2
AIF2RX3_ENA
0
AIF2 Audio Interface RX Channel 3
Enable
0 = Disabled
1 = Enabled
1
AIF2RX2_ENA
0
AIF2 Audio Interface RX Channel 2
Enable
0 = Disabled
1 = Enabled
0
AIF2RX1_ENA
0
AIF2 Audio Interface RX Channel 1
Enable
0 = Disabled
1 = Enabled
Table 42 AIF2 Signal Path Enable
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1433
(0599h)
AIF3_Tx_
Enables
1
AIF3TX2_ENA
0
AIF3 Audio Interface TX Channel 2
Enable
0 = Disabled
1 = Enabled
0
AIF3TX1_ENA
0
AIF3 Audio Interface TX Channel 1
Enable
0 = Disabled
1 = Enabled
R1434
(059Ah)
AIF3_Rx_
Enables
1
AIF3RX2_ENA
0
AIF3 Audio Interface RX Channel 2
Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com