Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 177 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 177 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 173Page - Cirrus Logic CS47L85 Datasheet HTML 174Page - Cirrus Logic CS47L85 Datasheet HTML 175Page - Cirrus Logic CS47L85 Datasheet HTML 176Page - Cirrus Logic CS47L85 Datasheet HTML 177Page - Cirrus Logic CS47L85 Datasheet HTML 178Page - Cirrus Logic CS47L85 Datasheet HTML 179Page - Cirrus Logic CS47L85 Datasheet HTML 180Page - Cirrus Logic CS47L85 Datasheet HTML 181Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 370 page
background image
CS47L85
Rev 4.3
177
AIF SIGNAL PATH ENABLE
The AIF1 and AIF2 interfaces support up to 8 input (RX) channels and up to 8 output (TX) channels. Each of these channels
can be enabled or disabled using the register bits defined in Table 41 and Table 42.
The AIF3 and AIF4 interfaces support up to 2 input (RX) channels and up to 2 output (TX) channels. Each of these channels
can be enabled or disabled using the register bits defined in Table 43 and Table 44.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The AIF signal paths should
be kept disabled (AIFnTXm_ENA=0, AIFnRXm_ENA=0) if SYSCLK is not enabled. The ASYNCCLK may also be required,
depending on the path configuration. See “Clocking and Sample Rates” for details of the system clocks (including
requirements for reconfiguring SYSCLK while audio paths are enabled).
The audio interfaces can be re-configured whilst enabled, including changes to the LRCLK frame length and the channel
timeslot configurations. Care is required to ensure that this ‘on-the-fly’ re-configuration does not cause corruption to the
active signal paths. Wherever possible, it is recommended to disable all channels before changing the AIF configuration.
As noted in the applicable register descriptions, some of the AIF control fields are locked and cannot be updated whilst AIF
channels are enabled; this is to ensure continuity of the respective BCLK and LRCLK signals.
The CS47L85 performs automatic checks to confirm that the SYSCLK and ASYNCCLK frequencies are high enough to
support the commanded signal paths and processing functions. If an attempt is made to enable an AIF signal path, and
there are insufficient SYSCLK or ASYNCCLK cycles to support it, then the attempt will be unsuccessful. (Note that any
signal paths that are already active will not be affected under these circumstances.)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1305
(0519h)
AIF1_Tx_
Enables
7
AIF1TX8_ENA
0
AIF1 Audio Interface TX Channel 8
Enable
0 = Disabled
1 = Enabled
6
AIF1TX7_ENA
0
AIF1 Audio Interface TX Channel 7
Enable
0 = Disabled
1 = Enabled
5
AIF1TX6_ENA
0
AIF1 Audio Interface TX Channel 6
Enable
0 = Disabled
1 = Enabled
4
AIF1TX5_ENA
0
AIF1 Audio Interface TX Channel 5
Enable
0 = Disabled
1 = Enabled
3
AIF1TX4_ENA
0
AIF1 Audio Interface TX Channel 4
Enable
0 = Disabled
1 = Enabled
2
AIF1TX3_ENA
0
AIF1 Audio Interface TX Channel 3
Enable
0 = Disabled
1 = Enabled
1
AIF1TX2_ENA
0
AIF1 Audio Interface TX Channel 2
Enable
0 = Disabled
1 = Enabled
0
AIF1TX1_ENA
0
AIF1 Audio Interface TX Channel 1
Enable
0 = Disabled
1 = Enabled
R1306
(051Ah)
AIF1_Rx_
Enables
7
AIF1RX8_ENA
0
AIF1 Audio Interface RX Channel 8
Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com