Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 173 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 173 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 169Page - Cirrus Logic CS47L85 Datasheet HTML 170Page - Cirrus Logic CS47L85 Datasheet HTML 171Page - Cirrus Logic CS47L85 Datasheet HTML 172Page - Cirrus Logic CS47L85 Datasheet HTML 173Page - Cirrus Logic CS47L85 Datasheet HTML 174Page - Cirrus Logic CS47L85 Datasheet HTML 175Page - Cirrus Logic CS47L85 Datasheet HTML 176Page - Cirrus Logic CS47L85 Datasheet HTML 177Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 370 page
background image
CS47L85
Rev 4.3
173
DIGITAL AUDIO INTERFACE CONTROL
This section describes the configuration of the CS47L85 digital audio interface paths.
AIF1 and AIF2 support up to 8 input signal paths and up to 8 output signal paths; AIF3 and AIF4 support up to 2 channels
of input and output signal paths. The digital audio interfaces can be configured as Master or Slave interfaces; mixed
master/slave configurations are also possible.
Each input and output signal path can be independently enabled or disabled. The AIF output (TX) and AIF input (RX) paths
use shared BCLK and LRCLK control signals.
The digital audio interface supports flexible data formats, selectable word-length, configurable timeslot allocations and TDM
tri-state control.
The audio interfaces can be re-configured whilst enabled, including changes to the LRCLK frame length and the channel
timeslot configurations. Care is required to ensure that any ‘on-the-fly’ re-configuration does not cause corruption to the
active signal paths. Wherever possible, it is recommended to disable all channels before changing the AIF configuration.
As noted in the applicable register descriptions, some of the AIF control fields are locked and cannot be updated whilst AIF
channels are enabled; this is to ensure continuity of the respective BCLK and LRCLK signals.
AIF SAMPLE RATE CONTROL
The AIF RX inputs may be selected as input to the digital mixers or signal processing functions within the CS47L85 digital
core. The AIF TX outputs are derived from the respective output mixers.
The sample rate for each digital audio interface AIFn is configured using the respective AIFn_RATE register - see Table 22
within the “Digital Core” section.
Note that sample rate conversion is required when routing the AIF paths to any signal chain that is asynchronous and/or
configured for a different sample rate.
AIF PIN CONFIGURATION
The external connections associated with each digital audio interface (AIF) are implemented on multi-function GPIO pins,
which must be configured for the respective AIF functions when required. The AIF connections are pin-specific alternative
functions available on specific GPIO pins. See “General Purpose Input / Output” to configure the GPIO pins for AIF operation.
Integrated pull-up and pull-down resistors can be enabled on the AIFnLRCLK, AIFnBCLK and AIFnRXDAT pins. This is
provided as part of the GPIO functionality, and provides a flexible capability for interfacing with other devices.
Each of the pull-up and pull-down resistors can be configured independently using the register bits described in Table 94.
When the pull-up and pull-down resistors are both enabled, the CS47L85
provides a ‘bus keeper’ function on the respective
pin. The bus keeper function holds the logic level unchanged whenever the pin is undriven (e.g., if the signal is tri-stated).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com