Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 174 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 174 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 170Page - Cirrus Logic CS47L85 Datasheet HTML 171Page - Cirrus Logic CS47L85 Datasheet HTML 172Page - Cirrus Logic CS47L85 Datasheet HTML 173Page - Cirrus Logic CS47L85 Datasheet HTML 174Page - Cirrus Logic CS47L85 Datasheet HTML 175Page - Cirrus Logic CS47L85 Datasheet HTML 176Page - Cirrus Logic CS47L85 Datasheet HTML 177Page - Cirrus Logic CS47L85 Datasheet HTML 178Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 370 page
background image
CS47L85
174
Rev 4.3
AIF MASTER / SLAVE CONTROL
The digital audio interfaces can operate in Master or Slave modes and also in mixed master/slave configurations. In Master
mode, the BCLK and LRCLK signals are generated by the CS47L85 when any of the respective digital audio interface
channels is enabled. In Slave mode, these outputs are disabled by default to allow another device to drive these pins.
Master mode is selected on the AIFnBCLK pin using the AIFn_BCLK_MSTR register bit. In Master mode, the AIFnBCLK
signal is generated by the CS47L85 when one or more AIFn channels is enabled.
When the AIFn_BCLK_FRC bit is set in BCLK master mode, the AIFnBCLK signal is output at all times, including when
none of the AIFn channels is enabled. The AIFn_BCLK_FRC bit should be held at 0 if SYSCLK is not enabled. SYSCLK
must be present and enabled before setting the AIFn_BCLK_FRC bit. See “Clocking and Sample Rates” for further details
(including requirements for reconfiguring SYSCLK while AIF clock signals are enabled).
The AIFnBCLK signal can be inverted in Master or Slave modes using the AIFn_BCLK_INV register.
Master mode is selected on the AIFnLRCLK pin using the AIFn_LRCLK_MSTR register bit. In Master mode, the AIFnLRCLK
signal is generated by the CS47L85 when one or more AIFn channels is enabled.
When the AIFn_LRCLK_FRC bit is set in LRCLK master mode, the AIFnLRCLK signal is output at all times, including when
none of the AIFn channels is enabled. Note that AIFnLRCLK is derived from AIFnBCLK, and an internal or external
AIFnBCLK signal must be present to generate AIFnLRCLK. The AIFn_LRCLK_FRC bit should be held at 0 if SYSCLK is
not enabled. SYSCLK must be present and enabled before setting the AIFn_LRCLK_FRC bit. See “Clocking and Sample
Rates
” for further details (including requirements for reconfiguring SYSCLK while AIF clock signals are enabled).
The AIFnLRCLK signal can be inverted in Master or Slave modes using the AIFn_LRCLK_INV register.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1280
(0500h)
AIF1_BCL
K_Ctrl
7
AIF1_BCLK_INV
0
AIF1 Audio Interface BCLK Invert
0 = AIF1BCLK not inverted
1 = AIF1BCLK inverted
This bit is locked when AIF1 channels are
enabled; it can only be changed when all
AIF1 channels are disabled.
6
AIF1_BCLK_FRC
0
AIF1 Audio Interface BCLK Output Control
0 = Normal
1 = AIF1BCLK always enabled in Master
mode
5
AIF1_BCLK_MST
R
0
AIF1 Audio Interface BCLK Master Select
0 = AIF1BCLK Slave mode
1 = AIF1BCLK Master mode
This bit is locked when AIF1 channels are
enabled; it can only be changed when all
AIF1 channels are disabled.
R1282
(0502h)
AIF1_Rx_
Pin_Ctrl
2
AIF1_LRCLK_IN
V
0
AIF1 Audio Interface LRCLK Invert
0 = AIF1LRCLK not inverted
1 = AIF1LRCLK inverted
This bit is locked when AIF1 channels are
enabled; it can only be changed when all
AIF1 channels are disabled.
1
AIF1_LRCLK_FR
C
0
AIF1 Audio Interface LRCLK Output
Control
0 = Normal
1 = AIF1LRCLK always enabled in Master
mode
0
AIF1_LRCLK_MS
TR
0
AIF1 Audio Interface LRCLK Master
Select
0 = AIF1LRCLK Slave mode
1 = AIF1LRCLK Master mode
This bit is locked when AIF1 channels are
enabled; it can only be changed when all
AIF1 channels are disabled.
Table 37 AIF1 Master / Slave Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com