| Electronic Components Datasheet Search |
|
CS47L85 Datasheet(PDF) 171 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L85 Datasheet(HTML) 171 Page - Cirrus Logic |
|
171 / 370 page ![]() CS47L85 Rev 4.3 171 Figure 56 shows an example of Left Justified format. Six enabled channels are shown. LRCLK Slot 0 Slot 2 Slot 4 ... Slot 1 Slot 3 Slot 5 ... Slot 0 Channel 1 Channel 4 BCLK TXDAT/ RXDAT Channel 2 Slot 4 Channel 3 Slot 3 Channel 6 Slot 1 Slot 2 Channel 5 Slot 5 AIF1[TX5/RX5]_SLOT = 0 AIF1[TX6/RX6]_SLOT = 2 AIF1[TX2/RX2]_SLOT = 4 AIF1[TX3/RX3]_SLOT = 1 AIF1[TX1/RX1]_SLOT = 5 AIF1[TX4/RX4]_SLOT = 3 Figure 56 Left Justifed Example TDM OPERATION BETWEEN THREE OR MORE DEVICES The AIF operation described above illustrates how multiple audio channels can be interleaved on a single TXDAT or RXDAT pin. The interface uses Time Division Multiplexing (TDM) to allocate time periods to each of the audio channels in turn. This form of TDM is implemented between two devices, using the electrical connections illustrated in Figure 47 or Figure 48. It is also possible to implement TDM between three or more devices. This allows one CODEC to receive audio data from two other devices simultaneously on a single audio interface, as illustrated in Figure 57, Figure 58 and Figure 59. The CS47L85 provides full support for TDM operation. The TXDAT pin can be tri-stated when not transmitting data, in order to allow other devices to transmit on the same wire. The behaviour of the TXDAT pin is configurable, to allow maximum flexibility to interface with other devices in this way. Typical configurations of TDM operation between three devices are illustrated in Figure 57, Figure 58 and Figure 59. CS47L85 Processor CS47L85 or similar CODEC TXDAT LRCLK RXDAT BCLK TXDAT LRCLK RXDAT BCLK CS47L85 Processor CS47L85 or similar CODEC TXDAT LRCLK RXDAT BCLK TXDAT LRCLK RXDAT BCLK Figure 57 TDM with CS47L85 as Master Figure 58 TDM with Other CODEC as Master |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |