Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 167 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 167 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 163Page - Cirrus Logic CS47L85 Datasheet HTML 164Page - Cirrus Logic CS47L85 Datasheet HTML 165Page - Cirrus Logic CS47L85 Datasheet HTML 166Page - Cirrus Logic CS47L85 Datasheet HTML 167Page - Cirrus Logic CS47L85 Datasheet HTML 168Page - Cirrus Logic CS47L85 Datasheet HTML 169Page - Cirrus Logic CS47L85 Datasheet HTML 170Page - Cirrus Logic CS47L85 Datasheet HTML 171Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 370 page
background image
CS47L85
Rev 4.3
167
Four different audio data formats are supported by the digital audio interface:
DSP mode A
DSP mode B
I2S
Left Justified
The Left Justified and DSP-B modes are valid in Master mode only (i.e., BCLK and LRCLK are outputs from the CS47L85).
These modes cannot be supported in Slave mode.
All four of these modes are MSB first.
Data words are encoded in 2’s complement format. Each of the audio interface modes
is
described in the following sections. Refer to the “Signal Timing Requirements” section for timing information.
Two variants of DSP mode are supported -
‘Mode A’ and ‘Mode B’. Mono PCM operation can be supported using the DSP
modes.
MASTER AND SLAVE MODE OPERATION
The CS47L85 digital audio interfaces can operate as a master or slave as shown in Figure 47 and Figure 48. The associated
control bits are described in “Digital Audio Interface Control”.
CS47L85
TXDAT
LRCLK
RXDAT
BCLK
Processor
CS47L85
Processor
TXDAT
LRCLK
RXDAT
BCLK
Figure 47 Master Mode
Figure 48 Slave Mode
AUDIO DATA FORMATS
The CS47L85 digital audio interfaces can be configured to operate in I2S, Left-Justified, DSP-A or DSP-B interface modes.
Note that Left-Justified and DSP-B modes are valid in Master mode only (i.e., BCLK and LRCLK are outputs from the
CS47L85).
The digital audio int
erfaces also provide flexibility to support multiple ‘slots’ of audio data within each LRCLK frame. This
flexibility allows multiple audio channels to be supported within a single LRCLK frame.
The data formats described in this section are generic descriptions, assuming only one stereo pair of audio samples per
LRCLK frame. In these cases, the AIF is configured to transmit (or receive) in the first available position in each frame (i.e.,
the Slot 0 position).
The options for multi-channel operation are desc
ribed in the following section (“AIF Timeslot Configuration”).
The audio data modes supported by the CS47L85 are described below. Note that the polarity of the BCLK and LRCLK
signals can be inverted if required; the following descriptions all assume the default, non-inverted polarity of these signals.
In DSP mode, the left channel MSB is available on either the 1st (mode B) or 2nd (mode A) rising edge of BCLK following a
rising edge of LRCLK. Right channel data immediately follows left channel data. Depending on word length, BCLK frequency
and sample rate, there may be unused BCLK cycles between the LSB of the right channel data and the next sample.
In master mode, the LRCLK output will resemble the frame pulse shown in Figure 49 and Figure 50. In slave mode, it is
possible to use any length of frame pulse less than 1/fs, providing the falling edge of the frame pulse occurs at least one
BCLK period before the rising edge of the next frame pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com