| Electronic Components Datasheet Search |
|
CS47L85 Datasheet(PDF) 168 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L85 Datasheet(HTML) 168 Page - Cirrus Logic |
|
168 / 370 page ![]() CS47L85 168 Rev 4.3 n n-1 n-2 3 2 1 n n-1 n-2 3 2 1 LEFT CHANNEL RIGHT CHANNEL MSB LSB Input Word Length (WL) 1/fs LRCLK BCLK RXDAT/ TXDAT 1 BCLK In Slave mode, the falling edge can occur anywhere in this area 1 BCLK Figure 49 DSP Mode A Data Format n n-1 n-2 3 2 1 n n-1 n-2 3 2 1 LEFT CHANNEL RIGHT CHANNEL MSB LSB Input Word Length (WL) 1/fs LRCLK BCLK RXDAT/ TXDAT 1 BCLK 1 BCLK In Slave mode, the falling edge can occur anywhere in this area Figure 50 DSP Mode B Data Format PCM operation is supported in DSP interface mode. CS47L85 data that is output on the Left Channel will be read as mono PCM data by the receiving equipment. Mono PCM data received by the CS47L85 will be treated as Left Channel data. This data may be routed to the Left/Right playback paths using the control fields descr ibed in the “Digital Core” section. In I2S mode, the MSB is available on the second rising edge of BCLK following a LRCLK transition. The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles between the LSB of one sample and the MSB of the next. n n-1 n-2 3 2 1 n n-1 n-2 3 2 1 LEFT CHANNEL RIGHT CHANNEL MSB LSB Input Word Length (WL) 1/fs LRCLK BCLK RXDAT/ TXDAT 1 BCLK 1 BCLK Figure 51 I2S Data Format (assuming n-bit word length) In Left Justified mode, the MSB is available on the first rising edge of BCLK following a LRCLK transition. The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency and sample rate, there may be unused BCLK cycles before each LRCLK transition. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |