Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 165 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 165 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 161Page - Cirrus Logic CS47L85 Datasheet HTML 162Page - Cirrus Logic CS47L85 Datasheet HTML 163Page - Cirrus Logic CS47L85 Datasheet HTML 164Page - Cirrus Logic CS47L85 Datasheet HTML 165Page - Cirrus Logic CS47L85 Datasheet HTML 166Page - Cirrus Logic CS47L85 Datasheet HTML 167Page - Cirrus Logic CS47L85 Datasheet HTML 168Page - Cirrus Logic CS47L85 Datasheet HTML 169Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 370 page
background image
CS47L85
Rev 4.3
165
AMBIENT NOISE CANCELLATION
The Cirrus Logic Ambient Noise Cancellation (ANC) processor within the CS47L85 provides the capability to improve the
intelligibility of a voice call by using destructive interference to reduce the acoustic energy of the ambient sound. The mono
ANC capability supports a wide variety of headset/handset applications.
The ANC processor is configured using parameters that are determined during product development and downloaded to the
CS47L85. The configuration settings are specific to the acoustic properties of the target application. The primary acoustic
elements in an application are typically the microphones and the speaker, but other components such as the plastics and
the PCBs also have significant importance to the acoustic coefficient data.
Note that the ANC configuration parameters are application-specific, and must be recalculated following any change in the
design of the acoustic elements of that application. Any mismatch between the acoustic coefficient data and the target
application will give inferior ANC performance.
The ANC processor employs digital circuits to process the ambient noise (microphone) input signal; the noise input path
(analogue or digital) is selected as described in Table 6. The selected source is filtered and processed in accordance with
the acoustic parameters programmed into the CS47L85. The resulting noise cancellation signal can be mixed with the output
signal paths using the register bits described in Table 73.
The ANC processor is responsive to variable ambient-noise conditions. Automatic gain adjustment is incorporated to support
different handset positions. Dynamic limiter and noise-gate functions are provided, to ensure best performance across a
wide range of operating conditions.
Note that the ANC configuration data is lost whenever the DCVDD power domain is removed; the ANC configuration data
must be downloaded to the CS47L85 each time the device is powered up.
The procedure for configuring the CS47L85 ANC functions is tailored to
each customer’s application; please contact your
local Cirrus Logic representative for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com