Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 212 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 212 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 208Page - Cirrus Logic CS47L85 Datasheet HTML 209Page - Cirrus Logic CS47L85 Datasheet HTML 210Page - Cirrus Logic CS47L85 Datasheet HTML 211Page - Cirrus Logic CS47L85 Datasheet HTML 212Page - Cirrus Logic CS47L85 Datasheet HTML 213Page - Cirrus Logic CS47L85 Datasheet HTML 214Page - Cirrus Logic CS47L85 Datasheet HTML 215Page - Cirrus Logic CS47L85 Datasheet HTML 216Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 370 page
background image
CS47L85
212
Rev 4.3
OUTPUT SIGNAL PATH DIGITAL VOLUME CONTROL
A digital volume control is provided on each of the output signal paths, providing -64dB to +31.5dB gain control in 0.5dB
steps. An independent mute control is also provided for each output signal path.
Whenever the gain or mute setting is changed, the signal path gain is ramped up or down to the new settings at a
programmable rate. For increasing gain (or un-mute), the rate is controlled by the OUT_VI_RAMP register. For decreasing
gain (or mute), the rate is controlled by the OUT_VD_RAMP register. Note that the OUT_VI_RAMP and OUT_VD_RAMP
registers should not be changed while a volume ramp is in progress.
The OUT_VU bits control the loading of the output signal path digital volume and mute controls. When OUT_VU is set to 0,
the digital volume and mute settings will be loaded into the respective control register, but will not actually change the signal
path gain. The digital volume and mute settings on all of the output signal paths are updated when a 1 is written to OUT_VU.
This makes it possible to update the gain of multiple signal paths simultaneously.
Note that, although the digital volume control registers provide 0.5dB steps, the internal circuits provide signal gain
adjustment in 0.125dB steps. This allows a very high degree of gain control, and smooth volume ramping under all operating
conditions.
The 0dBFS level of the OUT5/OUT6 digital output paths is not equal to the 0dBFS level of the CS47L85 digital core. The
maximum digital output level is -
6dBFS (see “Electrical Characteristics”). Under 0dBFS gain conditions, a 0dBFS output
from the digital core corresponds to a -6dBFS level in the PDM output.
The digital volume control register fields are described in Table 76 and Table 77.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1033
(0409h)
Output_Vo
lume_Ram
p
6:4
OUT_VD_RAMP
[2:0]
010
Output Volume Decreasing Ramp Rate
(seconds/6dB)
000 = 0ms
001 = 0.5ms
010 = 1ms
011 = 2ms
100 = 4ms
101 = 8ms
110 = 15ms
111 = 30ms
This register should not be changed while
a volume ramp is in progress.
2:0
OUT_VI_RAMP
[2:0]
010
Output Volume Increasing Ramp Rate
(seconds/6dB)
000 = 0ms
001 = 0.5ms
010 = 1ms
011 = 2ms
100 = 4ms
101 = 8ms
110 = 15ms
111 = 30ms
This register should not be changed while
a volume ramp is in progress.
R1041
(0411h)
DAC_Digit
al_Volume
_1L
9
OUT_VU
Output Signal Paths Volume Update
Writing a 1 to this bit will cause the Output
Signal Paths Volume and Mute settings to
be updated simultaneously
8
OUT1L_MUTE
1
Output Path 1 (Left) Digital Mute
0 = Un-mute
1 = Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com