Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 208 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 208 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 204Page - Cirrus Logic CS47L85 Datasheet HTML 205Page - Cirrus Logic CS47L85 Datasheet HTML 206Page - Cirrus Logic CS47L85 Datasheet HTML 207Page - Cirrus Logic CS47L85 Datasheet HTML 208Page - Cirrus Logic CS47L85 Datasheet HTML 209Page - Cirrus Logic CS47L85 Datasheet HTML 210Page - Cirrus Logic CS47L85 Datasheet HTML 211Page - Cirrus Logic CS47L85 Datasheet HTML 212Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 370 page
background image
CS47L85
208
Rev 4.3
OUTPUT SIGNAL PATH SAMPLE RATE CONTROL
The output signal paths are derived from the respective output mixers within the CS47L85 digital core. The sample rate for
the output signal paths is configured using the OUT_RATE register - see Table 22
within the “Digital Core” section.
Note that sample rate conversion is required when routing the output signal paths to any signal chain that is asynchronous
and/or configured for a different sample rate.
OUTPUT SIGNAL PATH CONTROL
The SPKCLKn frequency of the PDM output paths (OUT5 and OUT6) is controlled by the respective OUTn_OSR register,
as described in Table 72. When the OUTn_OSR bit is set, the audio performance is improved, but power consumption is
also increased.
Note that the SPKCLKn frequencies noted in Table 72 assume that the SYSCLK frequency is a multiple of 6.144MHz
(SYSCLK_FRAC=0). If the SYSCLK frequency is a multiple of 5.6448MHz (SYSCLK_FRAC=1), then the SPKCLKn
frequencies will be scaled accordingly.
CONDITION
SPKCLKn FREQUENCY
OUTn_OSR = 0
3.072MHz
OUTn_OSR = 1
6.144MHz
Table 72 SPKCLK Frequency
The CS47L85 incorporates a mono Ambient Noise Cancellation (ANC) processor which can provide noise reduction in many
different operating conditions. The noise cancellation signal can be mixed into any of the output signal paths using the
_ANC_SRC registers, as described in Table 73.
See “Ambient Noise Cancellation” for further details of the ANC function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1040
(0410h)
Output_Pa
th_Config_
1L
11:10
OUT1L_ANC_SR
C [1:0]
00
OUT1L ANC Source Select
00 = Disabled
01 = Enabled
All other codes are Reserved
R1044
(0414h)
Output_Pa
th_Config_
1R
11:10
OUT1R_ANC_SR
C [1:0]
00
OUT1R ANC Source Select
00 = Disabled
01 = Enabled
All other codes are Reserved
R1048
(0418h)
Output_Pa
th_Config_
2L
11:10
OUT2L_ANC_SR
C [1:0]
00
OUT2L ANC Source Select
00 = Disabled
01 = Enabled
All other codes are Reserved
R1052
(041Ch)
Output_Pa
th_Config_
2R
11:10
OUT2R_ANC_SR
C [1:0]
00
OUT2R ANC Source Select
00 = Disabled
01 = Enabled
All other codes are Reserved
R1056
(0420h)
Output_Pa
th_Config_
3L
11:10
OUT3L_ANC_SR
C [1:0]
00
OUT3L ANC Source Select
00 = Disabled
01 = Enabled
All other codes are Reserved
R1060
(0424h)
Output_Pa
th_Config_
3R
11:10
OUT3R_ANC_SR
C [1:0]
00
OUT3R ANC Source Select
00 = Disabled
01 = Enabled
All other codes are Reserved
R1064
(0428h)
Output_Pa
th_Config_
4L
11:10
OUT4L_ANC_SR
C [1:0]
00
OUT4L ANC Source Select
00 = Disabled
01 = Enabled
All other codes are Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com