Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 207 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 207 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 203Page - Cirrus Logic CS47L85 Datasheet HTML 204Page - Cirrus Logic CS47L85 Datasheet HTML 205Page - Cirrus Logic CS47L85 Datasheet HTML 206Page - Cirrus Logic CS47L85 Datasheet HTML 207Page - Cirrus Logic CS47L85 Datasheet HTML 208Page - Cirrus Logic CS47L85 Datasheet HTML 209Page - Cirrus Logic CS47L85 Datasheet HTML 210Page - Cirrus Logic CS47L85 Datasheet HTML 211Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 370 page
background image
CS47L85
Rev 4.3
207
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
HP2R_ENA
0
Output Path 2 (Right) Enable
0 = Disabled
1 = Enabled
1
HP1L_ENA
0
Output Path 1 (Left) Enable
0 = Disabled
1 = Enabled
0
HP1R_ENA
0
Output Path 1 (Right) Enable
0 = Disabled
1 = Enabled
R1025
(0401h)
Output_St
atus_1
11
OUT6L_ENA_ST
S
0
Output Path 6 (Left) Enable Status
0 = Disabled
1 = Enabled
10
OUT6R_ENA_ST
S
0
Output Path 6 (Right) Enable Status
0 = Disabled
1 = Enabled
9
OUT5L_ENA_ST
S
0
Output Path 5 (Left) Enable Status
0 = Disabled
1 = Enabled
8
OUT5R_ENA_ST
S
0
Output Path 5 (Right) Enable Status
0 = Disabled
1 = Enabled
7
OUT4L_ENA_ST
S
0
Output Path 4 (Left) Enable Status
0 = Disabled
1 = Enabled
6
OUT4R_ENA_ST
S
0
Output Path 4 (Right) Enable Status
0 = Disabled
1 = Enabled
R1030
(0406h)
Raw_Outp
ut_Status_
1
5
OUT3L_ENA_ST
S
0
Output Path 3 (Left) Enable Status
0 = Disabled
1 = Enabled
4
OUT3R_ENA_ST
S
0
Output Path 3 (Right) Enable Status
0 = Disabled
1 = Enabled
3
OUT2L_ENA_ST
S
0
Output Path 2 (Left) Enable Status
0 = Disabled
1 = Enabled
2
OUT2R_ENA_ST
S
0
Output Path 2 (Right) Enable Status
0 = Disabled
1 = Enabled
1
OUT1L_ENA_ST
S
0
Output Path 1 (Left) Enable Status
0 = Disabled
1 = Enabled
0
OUT1R_ENA_ST
S
0
Output Path 1 (Right) Enable Status
0 = Disabled
1 = Enabled
Table 71 Output Signal Path Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com