Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 206 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 206 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 202Page - Cirrus Logic CS47L85 Datasheet HTML 203Page - Cirrus Logic CS47L85 Datasheet HTML 204Page - Cirrus Logic CS47L85 Datasheet HTML 205Page - Cirrus Logic CS47L85 Datasheet HTML 206Page - Cirrus Logic CS47L85 Datasheet HTML 207Page - Cirrus Logic CS47L85 Datasheet HTML 208Page - Cirrus Logic CS47L85 Datasheet HTML 209Page - Cirrus Logic CS47L85 Datasheet HTML 210Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 370 page
background image
CS47L85
206
Rev 4.3
OUTPUT SIGNAL PATH ENABLE
The output signal paths are enabled using the register bits described in Table 71. The respective bit(s) must be enabled for
analogue or digital output on the respective output path(s).
The output signal paths are muted by default. It is recommended that de-selecting the mute should be the final step of the
path enable control sequence. Similarly, the mute should be selected as the first step of the path disable control sequence.
The output signal path mute functions are controlled using the register bits described in Table 76.
The supply rails for outputs (OUT1, OUT2 and OUT3) are generated using an integrated dual-mode Charge Pump, CP1.
The Charge Pump is enabled automatically by the CS47L85
when required by the output drivers. See the “Charge Pumps,
Regulators and Voltage Reference
” section for further details.
The CS47L85 schedules a pop-suppressed control sequence to enable or disable the OUT1, OUT2 OUT3 and OUT4 signal
paths. This is automatically managed in response to setting the respective HPnx_ENA or SPKOUTx_ENA register bits. See
“Control Write Sequencer” for further details.
The output signal path enable/disable control sequences are inputs to the Interrupt circuit, and can be used to trigger an
Interrupt event when a sequence completes. See “Interrupts” for further details.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The output signal paths
should be kept disabled (HPnx_ENA=0, SPKOUTx_ENA=0, OUTnx_ENA=0) if SYSCLK is not enabled. The ASYNCCLK
ma
y also be required, depending on the path configuration. See “Clocking and Sample Rates” for details of the system
clocks (including requirements for reconfiguring SYSCLK while audio paths are enabled).
The CS47L85 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the output signal
paths and associated DACs. If an attempt is made to enable an output signal path, and there are insufficient SYSCLK cycles
to support it, then the attempt will be unsuccessful. (Note that any signal paths that are already active will not be affected
under these circumstances.)
The status bits in Register R1025 and R1030 indicate the status of each of the output signal paths. If an Underclocked Error
condition occurs, then these bits provide readback of which signal path(s) have been successfully enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1024
(0400h)
Output_En
ables_1
11
OUT6L_ENA
0
Output Path 6 (Left) Enable
0 = Disabled
1 = Enabled
10
OUT6R_ENA
0
Output Path 6 (Right) Enable
0 = Disabled
1 = Enabled
9
OUT5L_ENA
0
Output Path 5 (Left) Enable
0 = Disabled
1 = Enabled
8
OUT5R_ENA
0
Output Path 5 (Right) Enable
0 = Disabled
1 = Enabled
7
SPKOUTL_ENA
0
Output Path 4 (Left) Enable
0 = Disabled
1 = Enabled
6
SPKOUTR_ENA
0
Output Path 4 (Right) Enable
0 = Disabled
1 = Enabled
5
HP3L_ENA
0
Output Path 3 (Left) Enable
0 = Disabled
1 = Enabled
4
HP3R_ENA
0
Output Path 3 (Right) Enable
0 = Disabled
1 = Enabled
3
HP2L_ENA
0
Output Path 2 (Left) Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com