Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 202 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 202 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 198Page - Cirrus Logic CS47L85 Datasheet HTML 199Page - Cirrus Logic CS47L85 Datasheet HTML 200Page - Cirrus Logic CS47L85 Datasheet HTML 201Page - Cirrus Logic CS47L85 Datasheet HTML 202Page - Cirrus Logic CS47L85 Datasheet HTML 203Page - Cirrus Logic CS47L85 Datasheet HTML 204Page - Cirrus Logic CS47L85 Datasheet HTML 205Page - Cirrus Logic CS47L85 Datasheet HTML 206Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 370 page
background image
CS47L85
202
Rev 4.3
Read Message 2
– REQUEST_VALUE
PARAMETER
VALUE
DESCRIPTION
Source Address
0xSS
‘SS’ is the 8-bit Logical Address of the message
source. This could be any active device on the bus,
but is typically the Manager Device (0xFF).
Destination Address
0xLL
‘LL’ is the 8-bit Logical Address of the message
destination (i.e., the CS47L85 SLIMbus Interface
Device). The value is assigned by the SLIMbus
Manager Device.
Access Mode
0b1
Selects Byte-based access mode.
Byte Address
0xUUU
Specifies the Value Map address, calculated as
0xA00 + (2 x 0xZZ), where ‘ZZ’ is bits [7:0] of the
applicable Control Register address.
Slice Size
0b001
Selects 2-byte slice size
Transaction ID
0xTTTT
‘TTTT’ is the 16-bit Transaction ID for the
message. The value is assigned by the SLIMbus
Manager Device.
Table 67 Register Read Message (2)
Note that the first message may be omitted if its contents are unchanged from the previous CHANGE_VALUE message
sent to the CS47L85.
The CS47L85 will respond to the Register Read commands in accordance with the normal SLIMbus protocols.
Note that the CS47L85 assumes that sufficient Control Space Slots are available in which to provide its response before the
next REQUEST_VALUE message is received. The CS47L85 response is made using a REPLY_VALUE message; the
SLIMbus Manager should wait until the REPLY_VALUE message has been received before sending the next
REQUEST_VALUE message. If additional REQUEST_VALUE message(s) are received before the CS47L85 response has
been made, then the earlier REQUEST_VALUE message(s) will be ignored (i.e., only the last REQUEST_VALUE message
will be serviced).
SLIMBUS CLOCKING CONTROL
The clock frequency of the SLIMbus interface is not fixed, and may be set according to the application requirements. The
clock frequency can be reconfigured dynamically as required.
The CS47L85 SLIMbus interface includes a Framer Device. When configured as the active Framer, the SLIMbus clock
(SLIMCLK) is an output from the CS47L85. At other times, SLIMCLK is an input. The Framer function can be transferred
from one device to another; this is known as Framer Handover, and is controlled by the Manager Device.
The supported Root Frequencies in Active Framer mode are 24.576MHz or 22.5792MHz only. At other times, the supported
Root Frequencies are as defined in the MIPI Alliance specification for SLIMbus.
Under normal operating conditions, the SLIMbus interface operates with a fixed Root Frequency (RF); dynamic updates to
the bus rate are applied using a selectable Clock Gear (CG) function. The Root Frequency and the Clock Gear setting are
controlled by the Manager Device; these parameters are transmitted in every SLIMbus superframe to all devices on the bus.
In Gear 10 (the highest Clock Gear setting), the SLIMCLK input (or output) frequency is equal to the Root Frequency. In
lower gears, the SLIMCLK frequency is reduced by increasing powers of 2.
The Clock Gear definition is shown in Table 68. Note that 24.576MHz Root Frequency is an example only; other frequencies
are also supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com