Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 199 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 199 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 195Page - Cirrus Logic CS47L85 Datasheet HTML 196Page - Cirrus Logic CS47L85 Datasheet HTML 197Page - Cirrus Logic CS47L85 Datasheet HTML 198Page - Cirrus Logic CS47L85 Datasheet HTML 199Page - Cirrus Logic CS47L85 Datasheet HTML 200Page - Cirrus Logic CS47L85 Datasheet HTML 201Page - Cirrus Logic CS47L85 Datasheet HTML 202Page - Cirrus Logic CS47L85 Datasheet HTML 203Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 370 page
background image
CS47L85
Rev 4.3
199
SLIMBUS SIGNAL PATH ENABLE
The SLIMbus interface supports up to 8 input (RX) channels and up to 8 output (TX) channels. Each of these channels can
be enabled or disabled using the register bits defined in Table 61.
Note that the SLIMbus audio channels can only be supported when the corresponding ports have been enabled by the
Manager Device (i.e., in addition to setting the respective enable bits). The status bits in Registers R1527 and R1528 indicate
the status of each of the SLIMbus ports.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The SLIMbus audio paths
should be kept disabled (SLIMRXn_ENA=0, SLIMTXn_ENA=0) if SYSCLK is not enabled. The ASYNCCLK may also be
required, depending on the path configuration. See “Clocking and Sample Rates” for details of the system clocks (including
requirements for reconfiguring SYSCLK while audio paths are enabled).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1525
(05F5h)
SLIMbus_
RX_Chan
nel_Enabl
e
7
SLIMRX8_ENA
0
SLIMbus RX Channel n Enable
0 = Disabled
1 = Enabled
6
SLIMRX7_ENA
0
5
SLIMRX6_ENA
0
4
SLIMRX5_ENA
0
3
SLIMRX4_ENA
0
2
SLIMRX3_ENA
0
1
SLIMRX2_ENA
0
0
SLIMRX1_ENA
0
R1526
(05F6h)
SLIMbus_
TX_Chann
el_Enable
7
SLIMTX8_ENA
0
SLIMbus TX Channel n Enable
0 = Disabled
1 = Enabled
6
SLIMTX7_ENA
0
5
SLIMTX6_ENA
0
4
SLIMTX5_ENA
0
3
SLIMTX4_ENA
0
2
SLIMTX3_ENA
0
1
SLIMTX2_ENA
0
0
SLIMTX1_ENA
0
R1527
(05F7h)
SLIMbus_
RX_Port_
Status
7
SLIMRX8_PORT_STS
0
SLIMbus RX Channel n Port Status
(Read only)
0 = Disabled
1 = Configured and active
6
SLIMRX7_PORT_STS
0
5
SLIMRX6_PORT_STS
0
4
SLIMRX5_PORT_STS
0
3
SLIMRX4_PORT_STS
0
2
SLIMRX3_PORT_STS
0
1
SLIMRX2_PORT_STS
0
0
SLIMRX1_PORT_STS
0
R1528
(05F8h)
SLIMbus_
TX_Port_
Status
7
SLIMTX8_PORT_STS
0
SLIMbus TX Channel n Port Status
(Read only)
0 = Disabled
1 = Configured and active
6
SLIMTX7_PORT_STS
0
5
SLIMTX6_PORT_STS
0
4
SLIMTX5_PORT_STS
0
3
SLIMTX4_PORT_STS
0
2
SLIMTX3_PORT_STS
0
1
SLIMTX2_PORT_STS
0
0
SLIMTX1_PORT_STS
0
Table 61 SLIMbus Signal Path Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com