Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 196 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 196 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 192Page - Cirrus Logic CS47L85 Datasheet HTML 193Page - Cirrus Logic CS47L85 Datasheet HTML 194Page - Cirrus Logic CS47L85 Datasheet HTML 195Page - Cirrus Logic CS47L85 Datasheet HTML 196Page - Cirrus Logic CS47L85 Datasheet HTML 197Page - Cirrus Logic CS47L85 Datasheet HTML 198Page - Cirrus Logic CS47L85 Datasheet HTML 199Page - Cirrus Logic CS47L85 Datasheet HTML 200Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 370 page
background image
CS47L85
196
Rev 4.3
MESSAGE CODE
MC[6:0]
DESCRIPTION
GENERIC
FRAMER
INTERFACE
Device Management Messages
0x01
REPORT_PRESENT (DC, DCV)
S
S
S
0x02
ASSIGN_LOGICAL_ADDRESS (LA)
D
D
D
0x04
RESET_DEVICE ()
D
D
D
0x08
CHANGE_LOGICAL_ADDRESS (LA)
D
D
D
0x09
CHANGE_ARBITRATION_PRIORITY (AP)
0x0C
REQUEST_SELF_ANNOUNCEMENT ()
D
D
D
0x0F
REPORT_ABSENT ()
Data Channel Management Messages
0x10
CONNECT_SOURCE (PN, CN)
D
0x11
CONNECT_SINK (PN, CN)
D
0x14
DISCONNECT_PORT (PN)
D
0x18
CHANGE_CONTENT (CN, FL, PR, AF, DT, CL, DL)
D
Information Management Messages
0x20
REQUEST_INFORMATION (TID, EC)
D
D
D
0x21
REQUEST_CLEAR_INFORMATION (TID, EC, CM)
D
D
D
0x24
REPLY_INFORMATION (TID, IS)
S
S
S
0x28
CLEAR_INFORMATION (EC, CM)
D
D
D
0x29
REPORT_INFORMATION (EC, IS)
S
Reconfiguration Messages
0x40
BEGIN_RECONFIGURATION ()
D
D
D
0x44
NEXT_ACTIVE_FRAMER (LAIF, NCo, NCi)
D
0x45
NEXT_SUBFRAME_MODE (SM)
D
D
0x46
NEXT_CLOCK_GEAR (CG)
D
0x47
NEXT_ROOT_FREQUENCY (RF)
D
0x4A
NEXT_PAUSE_CLOCK (RT)
D
0x4B
NEXT_RESET_BUS ()
D
0x4C
NEXT_SHUTDOWN_BUS ()
D
0x50
NEXT_DEFINE_CHANNEL (CN, TP, SD, SL)
D
0x51
NEXT_DEFINE_CONTENT (CN, FL, PR, AF, DT,
CL, DL)
D
0x54
NEXT_ACTIVATE_CHANNEL (CN)
D
0x55
NEXT_DEACTIVATE_CHANNEL (CN)
D
0x58
NEXT_REMOVE_CHANNEL (CN)
D
0x5F
RECONFIGURE_NOW ()
D
D
D
Value Management Messages
0x60
REQUEST_VALUE (TID, EC)
D
0x61
REQUEST_CHANGE_VALUE (TID, EC, VU)
0x64
REPLY_VALUE (TID, VS)
S
0x68
CHANGE_VALUE (EC, VU)
D
Table 58 SLIMbus Message Support
S = supported as a Source Device only. D = supported as a Destination Device only.
The CS47L85 SLIMbus component must be reset prior to scheduling a Hardware Reset or Power-On Reset. This can be
achieved using the RESET_DEVICE message (issued to the CS47L85 Interface Device), or else using the
NEXT_RESET_BUS message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com