Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 193 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 193 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 189Page - Cirrus Logic CS47L85 Datasheet HTML 190Page - Cirrus Logic CS47L85 Datasheet HTML 191Page - Cirrus Logic CS47L85 Datasheet HTML 192Page - Cirrus Logic CS47L85 Datasheet HTML 193Page - Cirrus Logic CS47L85 Datasheet HTML 194Page - Cirrus Logic CS47L85 Datasheet HTML 195Page - Cirrus Logic CS47L85 Datasheet HTML 196Page - Cirrus Logic CS47L85 Datasheet HTML 197Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 370 page
background image
CS47L85
Rev 4.3
193
SLIMBUS CONTROL SEQUENCES
This section describes the messages and general protocol associated with most aspects of the SLIMbus system.
Note that the SLIMbus specification permits some flexibility in Core Message support for different components. See
“SLIMbus Interface Control” for details of which message(s) are supported on each of the SLIMbus devices that are present
on the CS47L85.
DEVICE MANAGEMENT & CONFIGURATION
This section describes the SLIMbus messages associated with configuring all devices on the SLIMbus interface.
When the SLIMbus interface starts up, it is required that one (and only one) of the components provides the Manager and
Framer Device functions. Other devices can request connection to the bus after they have gained synchronisation.
The REPORT_PRESENT (DC, DCV) message may be issued by devices attempting to connect to the bus. The payload of
this message contains the Device Class (DC) and Device Class Version (DCV) parameters, describing the type of device
that is attempting to connect. This message may be issued autonomously by the connecting device, or else in response to
a REQUEST_SELF_ANNOUNCEMENT message from the Manager Device.
After positively acknowledging the REPORT_PRESENT message, the Manager Device will then issue the
ASSIGN_LOGICAL_ADDRESS (LA) message to allow the other device to connect to the bus. The payload of this message
contains the Logical Address (LA) parameter only; this is the unique address by which the connected device will send and
receive SLIMbus messages. The device is then said to be ‘enumerated’.
Once a device has been successfully connected to the bus, the Logical Address (LA) parameter can be changed at any time
using the CHANGE_LOGICAL_ADDRESS (LA) message.
The RESET_DEVICE message commands an individual SLIMbus device to perform its reset procedure. As part of the reset,
all associated ports will be reset, and any associated Data Channels will be cancelled. Note that, if the RESET_DEVICE
command is issued to an Interface Device, it will cause a Component Reset (i.e., all Devices within the associated
component are reset). Under a Component Reset, every associated Device will release its Logical Address, and the
Component will become disconnected from the bus.
INFORMATION MANAGEMENT
A memory map of Information Elements is defined for each Device. This is arranged in 3 x 1kByte blocks, comprising Core
Value elements, Device Class-specific Value elements, and User Value elements respectively, as described in the MIPI
specification. Note that the contents of the User Information portion for each CS47L85 SLIMbus Device are reserved.
Read/Write access is implemented using the messages described below. Specific elements within the Information Map are
identified using the Element Code (EC) parameter. In the case of Read access, a unique Transaction ID (TID) is assigned
to each message relating to a particular read/write request.
The REQUEST_INFORMATION (TID, EC) message is used to instruct a device to respond with the indicated information.
The payload of this message contains the Transaction ID (TID) and the Element Code (EC).
The REQUEST_CLEAR_INFORMATION (TID, EC, CM) message is used to instruct a device to respond with the indicated
information, and also to clear all, or parts, of the same information slice. The payload of this message contains the
Transaction ID (TID), Element Code (EC), and Clear Mask (CM). The Clear Mask field is used to select which element(s)
are to be cleared as part of the instruction.
The REPLY_INFORMATION (TID, IS) message is used to provide readback of a requested parameter. The payload of this
message contains the Transaction ID (TID) and the Information Slice (IS). The Information Slice byte(s) contain the value
of the requested parameter.
The CLEAR_INFORMATION (EC, CM) message is used to clear all, or parts, of the indicated information slice. The payload
of this message contains the Element Code (EC) and Clear Mask (CM). The Clear Mask field is used to select which
element(s) are to be cleared as part of the instruction.
The REPORT_INFORMATION (EC, IS) message is used to inform other devices about a change in a specified element in
the Information Map. The payload of this message contains the Element Code (EC) and the Information Slice (IS). The
Information Slice byte(s) contain the new value of the applicable parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com