Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 189 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 189 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 185Page - Cirrus Logic CS47L85 Datasheet HTML 186Page - Cirrus Logic CS47L85 Datasheet HTML 187Page - Cirrus Logic CS47L85 Datasheet HTML 188Page - Cirrus Logic CS47L85 Datasheet HTML 189Page - Cirrus Logic CS47L85 Datasheet HTML 190Page - Cirrus Logic CS47L85 Datasheet HTML 191Page - Cirrus Logic CS47L85 Datasheet HTML 192Page - Cirrus Logic CS47L85 Datasheet HTML 193Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 370 page
background image
CS47L85
Rev 4.3
189
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1457
(05B1h)
AIF4_Fra
me_Ctrl_1
1
5:0
AIF4RX1_SLOT
[5:0]
0h
AIF4 RX Channel 1 Slot position
Defines the RX timeslot position of the
Channel 1 audio sample
Integer (LSB=1); Valid from 0 to 63
R1458
(05B2h)
AIF4_Fra
me_Ctrl_1
2
5:0
AIF4RX2_SLOT
[5:0]
1h
AIF4 RX Channel 2 Slot position
Defines the RX timeslot position of the
Channel 2 audio sample
Integer (LSB=1); Valid from 0 to 63
Table 52 AIF4 Digital Audio Data Control
AIF TDM AND TRI-STATE CONTROL
The AIFn output pins are tri-stated when the AIFn_TRI register is set. Note that this function only affects output pins that
have been configured for the respective AIFn function. Any GPIO pin that is configured for a different function will not be
affected by the AIFn_TRI register.
See “General Purpose Input / Output” to configure the GPIO pins.
Under default conditions, the AIFnTXDAT output is held at logic 0 when the CS47L85 is not transmitting data (i.e., during
timeslots that are not enabled for output by the CS47L85). When the AIFnTX_DAT_TRI register is set, the CS47L85 tri-
states the respective AIFnTXDAT pin when not transmitting data, allowing other devices to drive the AIFnTXDAT connection.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1281
(0501h)
AIF1_Tx_
Pin_Ctrl
5
AIF1TX_DAT_TR
I
0
AIF1TXDAT Tri-State Control
0 = Logic 0 during unused timeslots
1 = Tri-stated during unused timeslots
R1283
(0503h)
AIF1_Rate
_Ctrl
6
AIF1_TRI
0
AIF1 Audio Interface Tri-State Control
0 = Normal
1 = AIF1 Outputs are tri-stated
Note that this bit only affects output pins
that have been configured for the
respective AIF1 function.
Table 53 AIF1 TDM and Tri-State Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1345
(0541h)
AIF2_Tx_
Pin_Ctrl
5
AIF2TX_DAT_TR
I
0
AIF2TXDAT Tri-State Control
0 = Logic 0 during unused timeslots
1 = Tri-stated during unused timeslots
R1347
(0543h)
AIF2_Rate
_Ctrl
6
AIF2_TRI
0
AIF2 Audio Interface Tri-State Control
0 = Normal
1 = AIF2 Outputs are tri-stated
Note that this bit only affects output pins
that have been configured for the
respective AIF2 function.
Table 54 AIF2 TDM and Tri-State Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com