Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 185 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 185 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 181Page - Cirrus Logic CS47L85 Datasheet HTML 182Page - Cirrus Logic CS47L85 Datasheet HTML 183Page - Cirrus Logic CS47L85 Datasheet HTML 184Page - Cirrus Logic CS47L85 Datasheet HTML 185Page - Cirrus Logic CS47L85 Datasheet HTML 186Page - Cirrus Logic CS47L85 Datasheet HTML 187Page - Cirrus Logic CS47L85 Datasheet HTML 188Page - Cirrus Logic CS47L85 Datasheet HTML 189Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 370 page
background image
CS47L85
Rev 4.3
185
AIF DIGITAL AUDIO DATA CONTROL
The register bits controlling the audio data format, word lengths and slot configurations for AIF1, AIF2, AIF3 and AIF4 are
described in Table 49, Table 50, Table 51 and Table 52 respectively.
Note that Left-Justified and DSP-B modes are valid in Master mode only (i.e., BCLK and LRCLK are outputs from the
CS47L85).
The AIFn Slot Length is the number of BCLK cycles in one timeslot within the overall LRCLK frame. The Word Length is the
number of valid data bits within each timeslot. (If the word length is less than the slot length, then there will be unused BCLK
cycles at the end of each timeslot.) The AIFn word length and slot length is independently selectable for the input (RX) and
output (TX) paths.
For each AIF input (RX) and AIF output (TX) channel, the position of the audio data sample within the LRCLK frame is
configurable. The _SLOT registers define the timeslot position of the audio sample for the associated audio channel. Valid
selections are Slot 0 upwards. The timeslots are numbered as illustrated in Figure 53 through to Figure 56.
Note that, in DSP modes, the timeslots are ordered consecutively from the start of the LRCLK frame. In I2S and Left-Justified
modes, the even-numbered timeslots are arranged in the first half of the LRCLK frame, and the odd-numbered timeslots are
arranged in the second half of the frame.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1284
(0504h)
AIF1_For
mat
2:0
AIF1_FMT [2:0]
000
AIF1 Audio Interface Format
000 = DSP Mode A
001 = DSP Mode B
010 = I2S mode
011 = Left Justified mode
Other codes are Reserved
This field is locked when AIF1 channels
are enabled; it can only be changed when
all AIF1 channels are disabled.
R1287
(0507h)
AIF1_Fra
me_Ctrl_1
13:8
AIF1TX_WL [5:0]
18h
AIF1 TX Word Length
(Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32
7:0
AIF1TX_SLOT_L
EN [7:0]
18h
AIF1 TX Slot Length
(Number of BCLK cycles per slot)
Integer (LSB = 1); Valid from 16 to 128
R1288
(0508h)
AIF1_Fra
me_Ctrl_2
13:8
AIF1RX_WL [5:0]
18h
AIF1 RX Word Length
(Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32
7:0
AIF1RX_SLOT_L
EN [7:0]
18h
AIF1 RX Slot Length
(Number of BCLK cycles per slot)
Integer (LSB = 1); Valid from 16 to 128
R1289
(0509h)
to
R1296
(0510h)
5:0
AIF1TX1_SLOT
[5:0]
0h
AIF1 TX Channel n Slot position
Defines the TX timeslot position of the
Channel n audio sample
Integer (LSB=1); Valid from 0 to 63
5:0
AIF1TX2_SLOT
[5:0]
1h
5:0
AIF1TX3_SLOT
[5:0]
2h
5:0
AIF1TX4_SLOT
[5:0]
3h
5:0
AIF1TX5_SLOT
[5:0]
4h
5:0
AIF1TX6_SLOT
[5:0]
5h
5:0
AIF1TX7_SLOT
[5:0]
6h
5:0
AIF1TX8_SLOT
[5:0]
7h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com