Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 187 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 187 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 183Page - Cirrus Logic CS47L85 Datasheet HTML 184Page - Cirrus Logic CS47L85 Datasheet HTML 185Page - Cirrus Logic CS47L85 Datasheet HTML 186Page - Cirrus Logic CS47L85 Datasheet HTML 187Page - Cirrus Logic CS47L85 Datasheet HTML 188Page - Cirrus Logic CS47L85 Datasheet HTML 189Page - Cirrus Logic CS47L85 Datasheet HTML 190Page - Cirrus Logic CS47L85 Datasheet HTML 191Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 370 page
background image
CS47L85
Rev 4.3
187
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1353
(0549h)
to
R1360
(0550h)
5:0
AIF2TX1_SLOT
[5:0]
0h
AIF2 TX Channel n Slot position
Defines the TX timeslot position of the
Channel n audio sample
Integer (LSB=1); Valid from 0 to 63
5:0
AIF2TX2_SLOT
[5:0]
1h
5:0
AIF2TX3_SLOT
[5:0]
2h
5:0
AIF2TX4_SLOT
[5:0]
3h
5:0
AIF2TX5_SLOT
[5:0]
4h
5:0
AIF2TX6_SLOT
[5:0]
5h
5:0
AIF2TX7_SLOT
[5:0]
6h
5:0
AIF2TX8_SLOT
[5:0]
7h
R1361
(0551h)
to
R1368
(0558h)
5:0
AIF2RX1_SLOT
[5:0]
0h
AIF2 RX Channel n Slot position
Defines the RX timeslot position of the
Channel n audio sample
Integer (LSB=1); Valid from 0 to 63
5:0
AIF2RX2_SLOT
[5:0]
1h
5:0
AIF2RX3_SLOT
[5:0]
2h
5:0
AIF2RX4_SLOT
[5:0]
3h
5:0
AIF2RX5_SLOT
[5:0]
4h
5:0
AIF2RX6_SLOT
[5:0]
5h
5:0
AIF2RX7_SLOT
[5:0]
6h
5:0
AIF2RX8_SLOT
[5:0]
7h
Table 50 AIF2 Digital Audio Data Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1412
(0584h)
AIF3_For
mat
2:0
AIF3_FMT [2:0]
000
AIF3 Audio Interface Format
000 = DSP Mode A
001 = DSP Mode B
010 = I2S mode
011 = Left Justified mode
Other codes are Reserved
This field is locked when AIF3 channels
are enabled; it can only be changed when
all AIF3 channels are disabled.
R1415
(0587h)
AIF3_Fra
me_Ctrl_1
13:8
AIF3TX_WL [5:0]
18h
AIF3 TX Word Length
(Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32
7:0
AIF3TX_SLOT_L
EN [7:0]
18h
AIF3 TX Slot Length
(Number of BCLK cycles per slot)
Integer (LSB = 1); Valid from 16 to 128
R1416
(0588h)
AIF3_Fra
13:8
AIF3RX_WL [5:0]
18h
AIF3 RX Word Length
(Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com