Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 190 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 190 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 186Page - Cirrus Logic CS47L85 Datasheet HTML 187Page - Cirrus Logic CS47L85 Datasheet HTML 188Page - Cirrus Logic CS47L85 Datasheet HTML 189Page - Cirrus Logic CS47L85 Datasheet HTML 190Page - Cirrus Logic CS47L85 Datasheet HTML 191Page - Cirrus Logic CS47L85 Datasheet HTML 192Page - Cirrus Logic CS47L85 Datasheet HTML 193Page - Cirrus Logic CS47L85 Datasheet HTML 194Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 370 page
background image
CS47L85
190
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1409
(0581h)
AIF3_Tx_
Pin_Ctrl
5
AIF3TX_DAT_TR
I
0
AIF3TXDAT Tri-State Control
0 = Logic 0 during unused timeslots
1 = Tri-stated during unused timeslots
R1411
(0583h)
AIF3_Rate
_Ctrl
6
AIF3_TRI
0
AIF3 Audio Interface Tri-State Control
0 = Normal
1 = AIF3 Outputs are tri-stated
Note that this bit only affects output pins
that have been configured for the
respective AIF3 function.
Table 55 AIF3 TDM and Tri-State Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1441
(05A1h)
AIF4_Tx_
Pin_Ctrl
5
AIF4TX_DAT_TR
I
0
AIF4TXDAT Tri-State Control
0 = Logic 0 during unused timeslots
1 = Tri-stated during unused timeslots
R1443
(05A3h)
AIF4_Rate
_Ctrl
6
AIF4_TRI
0
AIF4 Audio Interface Tri-State Control
0 = Normal
1 = AIF4 Outputs are tri-stated
Note that this bit only affects output pins
that have been configured for the
respective AIF4 function.
Table 56 AIF4 TDM and Tri-State Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com