Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 192 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 192 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 188Page - Cirrus Logic CS47L85 Datasheet HTML 189Page - Cirrus Logic CS47L85 Datasheet HTML 190Page - Cirrus Logic CS47L85 Datasheet HTML 191Page - Cirrus Logic CS47L85 Datasheet HTML 192Page - Cirrus Logic CS47L85 Datasheet HTML 193Page - Cirrus Logic CS47L85 Datasheet HTML 194Page - Cirrus Logic CS47L85 Datasheet HTML 195Page - Cirrus Logic CS47L85 Datasheet HTML 196Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 370 page
background image
CS47L85
192
Rev 4.3
DATA SPACE
The Data space can be organised into a maximum of 256 Data Channels. Each Channel, identified by a unique Channel
Number (CN), is a stream of one or more contiguous Slots, organised in a consistent data structure that repeats at a fixed
interval.
A Data Channel is defined by its Segment Length (SL) (number of contiguous Slots allocated), Segment Interval (spacing
between the first Slots of successive Segments), and Segment Offset (the Slot Number of the first allocated Slot within the
Superframe). The Segment Interval and Segment Offset are collectively defined by a Segment Distribution (SD), by which
the SLIMbus Manager may configure (or re-configure) any Data Channel.
Each Segment may comprise TAG, AUX and DATA portions. Any of these portions may be 0-length; the exact composition
depends on the Transport Protocol (TP) for the associated Channel (see below). The DATA portion must be wide enough
to accommodate one full word of the Data Channel contents (data words cannot be spread across multiple segments).
The Segment Interval for each Data Channel represents the minimum spacing between consecutive data samples for that
Channel. (Note - the minimum spacing applies if every allocated segment is populated with new data; in many cases,
additional bandwidth is allocated, as described below, and not every allocated segment is used.)
The Segment Interval gives rise to Segment Windows for each Data Channel, aligned to the start of every Superframe. The
Segment Window boundaries define the times within which each new data sample must be buffered, ready for transmission
- adherence to these fixed boundaries allows Slot allocations to be moved within a Segment Window, without altering the
signal latency. The Segment Interval may be either shorter or longer than the Frame length, but there is always an integer
number of Segment Windows per Superframe.
The Transport Protocol (TP) defines the flow control or handshaking method used by the Ports associated with a Data
Channel. The applicable flow control mode(s) depend on the relationship between the audio sample rate (flow rate) and the
SLIMbus CLK frequency. If the two rates are synchronised and integer-related, then no flow control is needed; in other
cases, the flow may be regulated by
the use of a ‘Presence’ bit. The Presence bit can either be set by the source Device
(‘pushed’ protocol), or by the sink Device (‘pulled’ protocol).
The Data Channel structure is defined in terms of the Transport Protocol (TP), Segment Distribution (SD), and the Segment
Length (SL) parameters. Each of these is described above.
The Data Channel content definition includes a Presence Rate (PR) parameter (describing the nominal sample rate for the
audio channel) and a Frequency Locked (FL) bit (identifying whether the data source is synchronised to the SLIMbus CLK).
The Data Length (DL) parameter defines the size of each data sample (number of Slots). The Auxiliary Bits Format (AF)
and Data Type (DT) parameters provide support for non-PCM encoded data channels; the Channel Link (CL) parameter is
an indicator that channel CN is related to the previous channel, CN-1.
For a given Root Frequency and Clock Gear, the Segment Length (SL) and Segment Distribution (SD) parameters define
the amount of SLIMbus bandwidth that is allocated to a given Data Channel. The minimum bandwidth requirements of a
Data Channel are represented by the Presence Rate (PR) and Data Length (DL) parameters. The allocated SLIMbus
bandwidth must be equal to or greater than the bandwidth of the data to be transferred.
The Segment Interval defines the repetition rate of the SLIMbus Slots allocated to consecutive data samples for a given
Data Channel. The Presence Rate (PR) is the nominal sample rate of the audio path. The Segment Rate (determined by
the Segment Interval) must be equal to or greater than the Presence Rate for a given data channel. The following constraints
must be observed, when configuring a SLIMbus channel:
If Pushed or Pulled Transport Protocol is selected, then Segment Rate must be greater than the Presence Rate,
to ensure samples are not dropped as a result of clock drift.
If Isochronous Transport Protocol is selected, the Segment Rate must be equal to the Presence Rate. Isochronous
Transport Protocol should only be selected if the data source is frequency-locked to the SLIMbus CLK (ie. the
data source is synchronised to the SLIMbus Framer device).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com