Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 197 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 197 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 193Page - Cirrus Logic CS47L85 Datasheet HTML 194Page - Cirrus Logic CS47L85 Datasheet HTML 195Page - Cirrus Logic CS47L85 Datasheet HTML 196Page - Cirrus Logic CS47L85 Datasheet HTML 197Page - Cirrus Logic CS47L85 Datasheet HTML 198Page - Cirrus Logic CS47L85 Datasheet HTML 199Page - Cirrus Logic CS47L85 Datasheet HTML 200Page - Cirrus Logic CS47L85 Datasheet HTML 201Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 370 page
background image
CS47L85
Rev 4.3
197
PARAMETER
CODE
DESCRIPTION
COMMENTS
AF
Auxiliary Bits Format
CG
Clock Gear
CL
Channel Link
CM
Clear Mask
CS47L85 does not fully support this function.
The CM bytes of the REQUEST_CLEAR_INFORMATION or
CLEAR_INFORMATION messages must not be sent to
CS47L85 Devices. When either of these messages is received,
all bits within the specified Information Slice will be cleared.
CN
Channel Number
DC
Device Class
DCV
Device Class Variation
DL
Data Length
DT
Data Type
CS47L85 supports the following DT codes:
0h - Not indicated
1h - LPCM audio
Note that 2’s complement PCM can be supported with DT=0h.
EC
Element Code
FL
Frequency Locked
IS
Information Slice
LA
Logical Address
LAIF
Logical Address, Incoming Framer
NCi
Number of Incoming Framer Clock
Cycles
NCo
Number of Outgoing Framer Clock
Cycles
PN
Port Number
Note that the Port Numbers of the CS47L85 SLIMbus paths are
register-configurable, as described in Table 60.
PR
Presence Rate
Note that the Presence Rate must be the same as the Sample
Rate selected for the associated CS47L85 SLIMbus path.
RF
Root Frequency
CS47L85 supports the following RF codes as Active Framer:
1h - 24.576MHz
2h - 22.5792MHz
All codes are supported when CS47L85 is not the Active
Framer.
RT
Restart Time
CS47L85 supports the following RT codes:
0h -Fast Recovery
2h - Unspecified Delay
When either of these values is specified, the CS47L85 will
resume toggling the CLK line within four cycles of the CLK line
frequency.
SD
Segment Distribution
Note that any data channels that are assigned the same
SAMPLE_RATE_n or ASYNC_SAMPLE_RATE_n value must
also be assigned the same Segment Interval.
SL
Segment Length
SM
Subframe Mode
TID
Transaction ID
TP
Transport Protocol
CS47L85 supports the following TP codes for TX channels:
0h - Isochronous Protocol
1h - Pushed Protocol
CS47L85 supports the following TP codes for RX channels:
0h - Isochronous Protocol
2h - Pulled Protocol
VS
Value Slice
VU
Value Update
Table 59 SLIMbus Parameter Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com