Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 201 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 201 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 197Page - Cirrus Logic CS47L85 Datasheet HTML 198Page - Cirrus Logic CS47L85 Datasheet HTML 199Page - Cirrus Logic CS47L85 Datasheet HTML 200Page - Cirrus Logic CS47L85 Datasheet HTML 201Page - Cirrus Logic CS47L85 Datasheet HTML 202Page - Cirrus Logic CS47L85 Datasheet HTML 203Page - Cirrus Logic CS47L85 Datasheet HTML 204Page - Cirrus Logic CS47L85 Datasheet HTML 205Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 370 page
background image
CS47L85
Rev 4.3
201
When a 2-byte transfer is selected, these bytes are written to the register address 0xYYYYZZ (using the same naming
conventions as above). When more than 2 bytes are written in a single transfer, the destination register address is auto-
incremented as described in Table 64.
Note that, register addresses from R12288 (0x3000) upwards are formatted as 32-bit words. When writing to these
addresses, the Slice Size should be a multiple of 4 bytes, and the Byte Address should be aligned with the 32-bit data word
boundaries (i.e., an even number). The byte ordering for these register addresses is described in Table 65.
REGISTER ADDRESS
(< 0x3000)
BYTE SEQUENCE
Base Address (0xYYYYZZ)
Bytes 2 and 1 (0xVVVV)
Base Address + 1
Bytes 4 and 3
Base Address + 2
Bytes 6 and 5
Base Address + 3
Bytes 8 and 7
Base Address + 4
Bytes 10 and 9
Base Address + 5
Bytes 12 and 11
Base Address + 6
Bytes 14 and 13
Base Address + 7
Bytes 16 and 15
Table 64 SLIMbus Register Write Sequence - 16-bit Register Space (< 0x3000)
REGISTER ADDRESS
(≥ 0x3000)
BYTE SEQUENCE
Base Address (0xYYYYZZ)
Bytes 4, 3, 2, 1
Base Address + 2
Bytes 8, 7, 6, 5
Base Address + 4
Bytes 12, 11, 10, 9
Base Address + 6
Bytes 16, 15, 14, 13
Table 65 SLIMbus Register Write Sequence - 32-bit Register Space (
≥ 0x3000)
Register Read operations
are implemented using the “CHANGE_VALUE” and “REQUEST_VALUE” messages. A maximum
of two messages may be required, depending on circumstances:
the “CHANGE_VALUE” message selects the register page
(bits [23:8] of the Control Register address); the “REQUEST_VALUE” message contains bits [7:0] of the register address.
The first message may be omitted if the register page is unchanged from the previous Read or Write operation.
The required SLIMbus parameters are described in Table 66 and Table 67, for the generic case of reading the contents of
control register address 0xYYYYZZ.
The CS47L85 SLIMbus interface supports Register Read operations of 2-bytes (i.e., one 16-bit data word) only. Register
addresses from R12288 (0x3000) upwards are formatted as 32-bit words; when reading from these addresses, the 2-byte
data slice will represent the 2 lower bytes of the selected 32-bit word. The 2 upper bytes of the respective register can be
accessed by adding ‘2’ to the Byte Address value described in Table 67.
Read Message 1
– CHANGE_VALUE
PARAMETER
VALUE
DESCRIPTION
Source Address
0xSS
‘SS’ is the 8-bit Logical Address of the message
source. This could be any active device on the bus,
but is typically the Manager Device (0xFF).
Destination Address
0xLL
‘LL’ is the 8-bit Logical Address of the message
destination (i.e., the CS47L85 SLIMbus Interface
Device). The value is assigned by the SLIMbus
Manager Device.
Access Mode
0b1
Selects Byte-based access mode.
Byte Address
0x800
Identifies the User Value element for selecting the
Control Register page address.
Slice Size
0b001
Selects 2-byte slice size
Value Update
0xYYYY
‘YYYY’ is bits [23:8] of the applicable Control
Register address.
Table 66 Register Read Message (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com