Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 204 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 204 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 200Page - Cirrus Logic CS47L85 Datasheet HTML 201Page - Cirrus Logic CS47L85 Datasheet HTML 202Page - Cirrus Logic CS47L85 Datasheet HTML 203Page - Cirrus Logic CS47L85 Datasheet HTML 204Page - Cirrus Logic CS47L85 Datasheet HTML 205Page - Cirrus Logic CS47L85 Datasheet HTML 206Page - Cirrus Logic CS47L85 Datasheet HTML 207Page - Cirrus Logic CS47L85 Datasheet HTML 208Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 370 page
background image
CS47L85
204
Rev 4.3
OUTPUT SIGNAL PATH
The CS47L85 provides six stereo pairs of audio output signal paths. These outputs comprise ground-referenced headphone
drivers, differential speaker drivers and digital output interfaces suitable for external speaker drivers. The output signal paths
are summarised in Table 70.
SIGNAL PATH
DESCRIPTIONS
OUTPUT PINS
OUT1L, OUT1R
Ground-referenced headphone output
HPOUT1L, HPOUT1R
OUT2L, OUT2R
Ground-referenced headphone output
HPOUT2L, HPOUT2R
OUT3L, OUT3R
Ground-referenced headphone output
HPOUT3L, HPOUT3R
OUT4L, OUT4R
Differential speaker output
SPKOUTLN, SPKOUTLP,
SPKOUTRP, SPKOUTRN
OUT5L, OUT5R
Digital speaker (PDM) output
SPKDAT1, SPKCLK1
OUT6L, OUT6R
Digital speaker (PDM) output
SPKDAT2, SPKCLK2
Table 70 Output Signal Path Summary
The analogue output paths incorporate high performance 24-bit sigma-delta DACs.
Under default conditions, the headphone drivers provide a stereo, single-ended output. A mono mode is also available on
each headphone output pair, providing a differential (BTL) configuration. The ground-referenced headphone output paths
incorporate a common mode feedback path for rejection of system-related noise. These outputs support direct connection
to headphone loads, with no requirement for AC coupling capacitors.
The speaker output paths are configured to drive a stereo pair of differential (BTL) outputs. The Class D design offers high
efficiency at large signal levels. With a suitable choice of external speaker, the Class D output can drive loudspeakers
directly, without any additional filter components.
The digital output paths provide two stereo Pulse Density Modulation (PDM) output interfaces, for connection to external
audio devices. A total of four digital output channels are provided.
Digital filters can be enabled in the output signal paths, supporting audiophile-quality DAC playback options. These Hi-Fi
filters allow user selection of the preferred characteristics, e.g., linear phase, anti-aliasing or apodizing filter responses.
Digital volume control is available on all outputs (analogue and digital), with programmable ramp control for smooth, glitch-
free operation. A configurable noise gate function is available on each of the output signal paths. Any two of the output signal
paths may be selected as input to the Acoustic Echo Cancellation (AEC) loopback paths.
The CS47L85 incorporates thermal protection functions, and provides short-circuit detection on the Class D speaker and
headphone output paths. The General Purpose Timers (see “DSP Peripheral Control”) can also be used as a Watchdog
function, to trigger a shutdown of the Class D speaker drivers.
For further details, refer to the “Thermal Shutdown and Short
Circuit Protection
” section.
The Class D speaker outputs are designed to support monitoring of external loudspeakers, giving real-time feedback for
algorithms such as Cirrus Logic
’s Speaker Protection software, running on one of the DSP cores. This enables loudspeakers
to be protected against damage from excessive signal levels and other electro-mechanical constraints. This feature requires
additional external component connections, as described later in this document.
The CS47L85 output signal paths are illustrated in Figure 60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com