Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 210 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 210 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 206Page - Cirrus Logic CS47L85 Datasheet HTML 207Page - Cirrus Logic CS47L85 Datasheet HTML 208Page - Cirrus Logic CS47L85 Datasheet HTML 209Page - Cirrus Logic CS47L85 Datasheet HTML 210Page - Cirrus Logic CS47L85 Datasheet HTML 211Page - Cirrus Logic CS47L85 Datasheet HTML 212Page - Cirrus Logic CS47L85 Datasheet HTML 213Page - Cirrus Logic CS47L85 Datasheet HTML 214Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 370 page
background image
CS47L85
210
Rev 4.3
OUTPUT SIGNAL PATH DIGITAL FILTER CONTROL
An integrated signal processing engine on the CS47L85 supports digital filter requirements for range of Hi-Fi applications.
Preset filter coefficients are held in on-board ROM, and can be configured and enabled as required. The Hi-Fi filters are
tailored to specific sample rates, and provide options relating to passband frequency, stopband attenuation, and phase
response characteristics.
The filter type is selected using the HIFI_FIR_TYPE register field. The available filters are each described in Table 74. The
digital filter can be enabled in any output path, using the respective OUTnx_HIFI control bits.
Note that only one filter type can be selected at any time, but the applicable filter can be enabled on any number of output
paths simultaneously. The supported sample rates for each filter type are noted in Table 74; the selected filter must be
consistent with the output sample rate (OUT_RATE) setting.
The digital filter can be enabled or disabled independently in any output path. A short interruption to the playback if the filter
type is changed whilst the Hi-Fi filters are enabled on any output path.
The Hi-Fi digital filters are described in Table 74.
TYPE
SAMPLE
RATE
DESCRIPTION
PASSBAND
STOPBAND
PASSBAND
RIPPLE
STOPBAND
ATTENUATION
0
48 kHz,
44.1 kHz
Deep stopband, Linear Phase
0.454 fs
0.546 fs
0.001 dB
120 dB
1
Deep stopband, Minimum Phase
0.454 fs
0.546 fs
0.001 dB
120 dB
2
Anti-alias, Linear Phase
0.417 fs
0.5 fs
0.001 dB
110 dB
3
Anti-alias, Minimum Phase
0.417 fs
0.5 fs
0.001 dB
110 dB
4
96 kHz,
88.2 kHz
Non-apodizing, Linear Phase
0.227 fs
0.5 fs
0.001 dB
120 dB
5
Non-apodizing, Minimum Phase
0.227 fs
0.5 fs
0.001 dB
120 dB
6
Apodising, Linear Phase
0.227 fs
0.454 fs
0.001 dB
120 dB
7
Apodising, Minimum Phase
0.227 fs
0.454 fs
0.001 dB
120 dB
8
192 kHz,
176.4 kHz
Non-apodizing, Linear Phase
0.114 fs
0.5 fs
0.001 dB
125 dB
9
Non-apodizing, Minimum Phase
0.114 fs
0.5 fs
0.001 dB
125 dB
10
Apodising, Linear Phase
0.114 fs
0.454 fs
0.001 dB
125 dB
11
Apodising, Minimum Phase
0.114 fs
0.454 fs
0.001 dB
125 dB
Table 74 Output Signal Path Digital Filter Types
At 48kHz (or 44.1kHz) sample rate, the key parameters of the Hi-Fi digital filters are the stopband attenuation and phase
response. The stopband characteristics are noted in Table 74.
The choice between linear phase and minimum phase filters determines time-domain effects of the filter transfer function.
Linear phase offers zero group delay, and equal levels of pre- and post-ringing. Minimum phase offers minimum pre-ringing
and latency, but higher levels of post-ringing and group delay distortion.
For sample rates above 48kHz, a choice between apodizing and non-apodizing filters is available. Apodizing filters have the
capability to reduce time-domain distortion
– this can be used to eliminate ‘time smear’ effects introduced by other filters in
the signal chain, provided the other filters have a flat frequency response throughout the apodizing filter’s cut-off region. The
cut-off (stopband) frequency of the apodizing filters are slightly lower than the respective non-apodizing filter response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com