Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 262 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 262 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 258Page - Cirrus Logic CS47L85 Datasheet HTML 259Page - Cirrus Logic CS47L85 Datasheet HTML 260Page - Cirrus Logic CS47L85 Datasheet HTML 261Page - Cirrus Logic CS47L85 Datasheet HTML 262Page - Cirrus Logic CS47L85 Datasheet HTML 263Page - Cirrus Logic CS47L85 Datasheet HTML 264Page - Cirrus Logic CS47L85 Datasheet HTML 265Page - Cirrus Logic CS47L85 Datasheet HTML 266Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 370 page
background image
CS47L85
262
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
13
GP14_EINT1
0
GPIO14 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
12
GP13_EINT1
0
GPIO13 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
11
GP12_EINT1
0
GPIO12 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
10
GP11_EINT1
0
GPIO11 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
9
GP10_EINT1
0
GPIO10 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
8
GP9_EINT1
0
GPIO9 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
7
GP8_EINT1
0
GPIO8 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
6
GP7_EINT1
0
GPIO7 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
5
GP6_EINT1
0
GPIO6 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
4
GP5_EINT1
0
GPIO5 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
3
GP4_EINT1
0
GPIO4 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
2
GP3_EINT1
0
GPIO3 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
1
GP2_EINT1
0
GPIO2 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
0
GP1_EINT1
0
GPIO1 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
R6161
(1811h)
IRQ1_Statu
s_18
15
GP32_EINT1
0
GPIO32 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
14
GP31_EINT1
0
GPIO31 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
13
GP30_EINT1
0
GPIO30 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
12
GP29_EINT1
0
GPIO29 Interrupt
(Rising and falling edge triggered)
Note:
Cleared when a ‘1’ is written.
11
GP28_EINT1
0
GPIO28 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com