Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 266 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 266 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 262Page - Cirrus Logic CS47L85 Datasheet HTML 263Page - Cirrus Logic CS47L85 Datasheet HTML 264Page - Cirrus Logic CS47L85 Datasheet HTML 265Page - Cirrus Logic CS47L85 Datasheet HTML 266Page - Cirrus Logic CS47L85 Datasheet HTML 267Page - Cirrus Logic CS47L85 Datasheet HTML 268Page - Cirrus Logic CS47L85 Datasheet HTML 269Page - Cirrus Logic CS47L85 Datasheet HTML 270Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 370 page
background image
CS47L85
266
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
DSP1_DMA_EIN
T1
00
DSP1 DMA Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
R6170
(181Ah)
IRQ1_Statu
s_27
6
DSP7_START1_
EINT1
0
DSP7 Start 1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
5
DSP6_START1_
EINT1
0
DSP6 Start 1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
4
DSP5_START1_
EINT1
0
DSP5 Start 1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
3
DSP4_START1_
EINT1
0
DSP4 Start 1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
2
DSP3_START1_
EINT1
0
DSP3 Start 1 Interrupt
(Rising edge triggered)
Note:
Cleared when a ‘1’ is written.
1
DSP2_START1_
EINT1
0
DSP2 Start 1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
0
DSP1_START1_
EINT1
0
DSP1 Start 1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
R6171
(181Bh)
IRQ1_Statu
s_28
6
DSP7_START2_
EINT1
0
DSP7 Start 2 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
5
DSP6_START2_
EINT1
0
DSP6 Start 2 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
4
DSP5_START2_
EINT1
0
DSP5 Start 2 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
3
DSP4_START2_
EINT1
0
DSP4 Start 2 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
2
DSP3_START2_
EINT1
0
DSP3 Start 2 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
1
DSP2_START2_
EINT1
0
DSP2 Start 2 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
0
DSP1_START2_
EINT1
0
DSP1 Start 2 Interrupt
(Rising edge triggered)
Note:
Cleared when a ‘1’ is written.
R6173
(181Dh)
IRQ1_Statu
s_30
6
DSP7_BUSY_EI
NT1
0
DSP7 Busy Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
5
DSP6_BUSY_EI
NT1
0
DSP6 Busy Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
4
DSP5_BUSY_EI
NT1
0
DSP5 Busy Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
3
DSP4_BUSY_EI
NT1
0
DSP4 Busy Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com