Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 267 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 267 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 263Page - Cirrus Logic CS47L85 Datasheet HTML 264Page - Cirrus Logic CS47L85 Datasheet HTML 265Page - Cirrus Logic CS47L85 Datasheet HTML 266Page - Cirrus Logic CS47L85 Datasheet HTML 267Page - Cirrus Logic CS47L85 Datasheet HTML 268Page - Cirrus Logic CS47L85 Datasheet HTML 269Page - Cirrus Logic CS47L85 Datasheet HTML 270Page - Cirrus Logic CS47L85 Datasheet HTML 271Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 370 page
background image
CS47L85
Rev 4.3
267
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
DSP3_BUSY_EI
NT1
0
DSP3 Busy Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
1
DSP2_BUSY_EI
NT1
0
DSP2 Busy Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
0
DSP1_BUSY_EI
NT1
0
DSP1 Busy Interrupt
(Rising edge triggered)
Note: Cleared
when a ‘1’ is written.
R6174
(181Eh)
IRQ1_Statu
s_31
2
MIF3_DONE_EIN
T1
0
MIF3 Done Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
1
MIF2_DONE_EIN
T1
0
MIF2 Done Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
0
MIF1_DONE_EIN
T1
0
MIF1 Done Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
R6175
(181Fh)
IRQ1_Statu
s_32
2
MIF3_BLOCK_EI
NT1
0
MIF3 Block Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
1
MIF2_BLOCK_EI
NT1
0
MIF2 Block Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
0
MIF1_BLOCK_EI
NT1
0
MIF1 Block Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
R6208
(1840h)
to
R6239
(185Fh)
IM_*
(see note)
For each *_EINT1 interrupt register in
R6144 to R6175, a corresponding mask
bit (IM_*) is provided in R6208 to R6239.
The mask bits are coded as:
0 = Do not mask interrupt
1 = Mask interrupt
Note : The BOOT_DONE_EINT1 interrupt is ‘0’ (un-masked) by default; all
other interrupts are ‘1’ (masked) by default.
R6272
(1880h)
IRQ1_Raw
_Status_1
12
CTRLIF_ERR_ST
S1
0
Control Interface Error Status
0 = Normal
1 = Control Interface Error
7
BOOT_DONE_S
TS1
0
Boot Status
0 = Busy (boot sequence in progress)
1 = Idle (boot sequence completed)
Control register writes should not be
attempted until Boot Sequence has
completed.
R6273
(1881h)
IRQ1_Raw
_Status_2
10
FLL3_LOCK_ST
S1
0
FLL3 Lock Status
0 = Not locked
1 = Locked
9
FLL2_LOCK_ST
S1
0
FLL2 Lock Status
0 = Not locked
1 = Locked
8
FLL1_LOCK_ST
S1
0
FLL1 Lock Status
0 = Not locked
1 = Locked
R6278
(1886h)
IRQ1_Raw
4
MICD_CLAMP_S
TS1
0
MICDET Clamp status
0 = Clamp not active
1 = Clamp active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com