Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 270 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 270 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 266Page - Cirrus Logic CS47L85 Datasheet HTML 267Page - Cirrus Logic CS47L85 Datasheet HTML 268Page - Cirrus Logic CS47L85 Datasheet HTML 269Page - Cirrus Logic CS47L85 Datasheet HTML 270Page - Cirrus Logic CS47L85 Datasheet HTML 271Page - Cirrus Logic CS47L85 Datasheet HTML 272Page - Cirrus Logic CS47L85 Datasheet HTML 273Page - Cirrus Logic CS47L85 Datasheet HTML 274Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 370 page
background image
CS47L85
270
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
(1890h)
IRQ1_Raw
_Status_17
14
GP15_STS1
0
Reads back the logic level of GPIOn.
Only valid for pins configured as GPIO
input (does not include DSPGPIO
inputs).
13
GP14_STS1
0
12
GP13_STS1
0
11
GP12_STS1
0
10
GP11_STS1
0
9
GP10_STS1
0
8
GP9_STS1
0
7
GP8_STS1
0
6
GP7_STS1
0
5
GP6_STS1
0
4
GP5_STS1
0
3
GP4_STS1
0
2
GP3_STS1
0
1
GP2_STS1
0
0
GP1_STS1
0
R6289
(1891h)
IRQ1_Raw
_Status_18
15
GP32_STS1
0
GPIOn Input status
Reads back the logic level of GPIOn.
Only valid for pins configured as GPIO
input (does not include DSPGPIO
inputs).
14
GP31_STS1
0
13
GP30_STS1
0
12
GP29_STS1
0
11
GP28_STS1
0
10
GP27_STS1
0
9
GP26_STS1
0
8
GP25_STS1
0
7
GP24_STS1
0
6
GP23_STS1
0
5
GP22_STS1
0
4
GP21_STS1
0
3
GP20_STS1
0
2
GP19_STS1
0
1
GP18_STS1
0
0
GP17_STS1
0
R6290
(1892h)
IRQ1_Raw
_Status_19
7
GP40_STS1
0
GPIOn Input status
Reads back the logic level of GPIOn.
Only valid for pins configured as GPIO
input (does not include DSPGPIO
inputs).
6
GP39_STS1
0
5
GP38_STS1
0
4
GP37_STS1
0
3
GP36_STS1
0
2
GP35_STS1
0
1
GP34_STS1
0
0
GP33_STS1
0
R6293
(1895h)
IRQ1_Raw
_Status_22
7
EVENT8_NOT_E
MPTY_STS1
0
Event Log n FIFO Not Empty status
0 = FIFO Empty
1 = FIFO Not Empty
6
EVENT7_NOT_E
MPTY_STS1
0
5
EVENT6_NOT_E
MPTY_STS1
0
4
EVENT5_NOT_E
MPTY_STS1
0
3
EVENT4_NOT_E
MPTY_STS1
0
2
EVENT3_NOT_E
MPTY_STS1
0
1
EVENT2_NOT_E
MPTY_STS1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com