Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 272 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 272 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 268Page - Cirrus Logic CS47L85 Datasheet HTML 269Page - Cirrus Logic CS47L85 Datasheet HTML 270Page - Cirrus Logic CS47L85 Datasheet HTML 271Page - Cirrus Logic CS47L85 Datasheet HTML 272Page - Cirrus Logic CS47L85 Datasheet HTML 273Page - Cirrus Logic CS47L85 Datasheet HTML 274Page - Cirrus Logic CS47L85 Datasheet HTML 275Page - Cirrus Logic CS47L85 Datasheet HTML 276Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 370 page
background image
CS47L85
272
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
DSP2_BUSY_ST
S1
0
0
DSP1_BUSY_ST
S1
0
Table 100 Interrupt 1 Control Registers
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6400
(1900h)
IRQ2_Statu
s_1
15
DSP_SHARED_
WR_COLL_EINT
2
0
DSP Shared Memory Collision Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
12
CTRLIF_ERR_EI
NT2
0
Control Interface Error Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
9
SYSCLK_FAIL_E
INT2
0
SYSCLK Fail Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
7
BOOT_DONE_EI
NT2
0
Boot Done Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
R6401
(1901h)
IRQ2_Statu
s_2
10
FLL3_LOCK_EIN
T2
0
FLL3 Lock Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
9
FLL2_LOCK_EIN
T2
0
FLL2 Lock Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
8
FLL1_LOCK_EIN
T2
0
FLL1 Lock Interrupt
(Rising and falling edge triggered)
Note: Cleared
when a ‘1’ is written.
R6405
(1905h)
IRQ2_Statu
s_6
8
MICDET_EINT2
0
Microphone / Accessory Detect Interrupt
(Detection event triggered)
Note: Cleared when a ‘1’ is written.
0
HPDET_EINT2
0
Headphone Detect Interrupt
(Rising edge triggered)
Note: Cleared
when a ‘1’ is written.
R6406
(1906h)
IRQ2_Statu
s_7
5
MICD_CLAMP_F
ALL_EINT2
0
MICDET Clamp Interrupt
(Falling edge triggered)
Note: Cleared when a ‘1’ is written.
4
MICD_CLAMP_R
ISE_EINT2
0
MICDET Clamp Interrupt
(Rising edge triggered)
Note: Cleared
when a ‘1’ is written.
3
JD2_FALL_EINT
2
0
JD2 Interrupt
(Falling edge triggered)
Note: Cleared when a ‘1’ is written.
2
JD2_RISE_EINT
2
0
JD2 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
1
JD1_FALL_EINT
2
0
JD1 Interrupt
(Falling edge triggered)
Note: Cleared when a ‘1’ is written.
0
JD1_RISE_EINT
2
0
JD1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
R6408
(1908h)
IRQ2_Statu
11
ASRC2_IN2_LO
CK_EINT2
0
ASRC2 IN2 Lock Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com