Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 265 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 265 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 261Page - Cirrus Logic CS47L85 Datasheet HTML 262Page - Cirrus Logic CS47L85 Datasheet HTML 263Page - Cirrus Logic CS47L85 Datasheet HTML 264Page - Cirrus Logic CS47L85 Datasheet HTML 265Page - Cirrus Logic CS47L85 Datasheet HTML 266Page - Cirrus Logic CS47L85 Datasheet HTML 267Page - Cirrus Logic CS47L85 Datasheet HTML 268Page - Cirrus Logic CS47L85 Datasheet HTML 269Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 370 page
background image
CS47L85
Rev 4.3
265
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
EVENT5_FULL_
EINT1
0
Event Log 5 FIFO Full Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
3
EVENT4_FULL_
EINT1
0
Event Log 4 FIFO Full Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
2
EVENT3_FULL_
EINT1
0
Event Log 3 FIFO Full Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
1
EVENT2_FULL_
EINT1
0
Event Log 2 FIFO Full Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
0
EVENT1_FULL_
EINT1
0
Event Log 1 FIFO Full Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
R6167
(1817h)
IRQ1_Statu
s_24
7
EVENT8_WMAR
K_EINT1
0
Event Log 8 FIFO Watermark Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
6
EVENT7_WMAR
K_EINT1
0
Event Log 7 FIFO Watermark Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
5
EVENT6_WMAR
K_EINT1
0
Event Log 6 FIFO Watermark Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
4
EVENT5_WMAR
K_EINT1
0
Event Log 5 FIFO Watermark Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
3
EVENT4_WMAR
K_EINT1
0
Event Log 4 FIFO Watermark Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
2
EVENT3_WMAR
K_EINT1
0
Event Log 3 FIFO Watermark Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
1
EVENT2_WMAR
K_EINT1
0
Event Log 2 FIFO Watermark Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
0
EVENT1_WMAR
K_EINT1
0
Event Log 1 FIFO Watermark Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
R6168
(1818h)
IRQ1_Statu
s_25
6
DSP7_DMA_EIN
T1
0
DSP7 DMA Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
5
DSP6_DMA_EIN
T1
00
DSP6 DMA Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
4
DSP5_DMA_EIN
T1
00
DSP5 DMA Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
3
DSP4_DMA_EIN
T1
00
DSP4 DMA Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
2
DSP3_DMA_EIN
T1
00
DSP3 DMA Interrupt
(Rising edge triggered)
Note: Cleared when
a ‘1’ is written.
1
DSP2_DMA_EIN
T1
00
DSP2 DMA Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com