Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 360 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 360 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 356Page - Cirrus Logic CS47L85 Datasheet HTML 357Page - Cirrus Logic CS47L85 Datasheet HTML 358Page - Cirrus Logic CS47L85 Datasheet HTML 359Page - Cirrus Logic CS47L85 Datasheet HTML 360Page - Cirrus Logic CS47L85 Datasheet HTML 361Page - Cirrus Logic CS47L85 Datasheet HTML 362Page - Cirrus Logic CS47L85 Datasheet HTML 363Page - Cirrus Logic CS47L85 Datasheet HTML 364Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 370 page
background image
CS47L85
360
Rev 4.3
OUTPUT SIGNAL DRIVE STRENGTH CONTROL
The CS47L85 supports configurable drive strength control for the digital output pins. This can be used to assist system-level
integration and design considerations.
The drive strength control registers are described in Table 139. Note that, in the case of bi-directional pins (e.g., GPIOn),
the drive strength control registers are only applicable when the pin is configured as an output.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
(0008h)
Ctrl_IF_C
FG_1
8
CIF1MISO_DRV_
STR
1
CIF1MISO output drive strength
0 = 4mA
1 = 8mA
R9
(0009h)
Ctrl_IF_C
FG_2
9
CIF2SDA_DRV_
STR
1
CIF2SDA output drive strength
0 = 4mA
1 = 8mA
R10
(000Ah)
Ctrl_IF_C
FG_3
8
CIF3MISO_DRV_
STR
1
CIF3MISO output drive strength
0 = 4mA
1 = 8mA
R1520
(05F0h)
Slimbus_P
ad_Ctrl
1
SLIMDAT_DRV_
STR
0
SLIMDAT output drive strength
0 = 8mA
1 = 12mA
0
SLIMCLK_DRV_
STR
0
SLIMCLK output drive strength
0 = 2mA
1 = 4mA
R5889
(1701h)
GPIO1_C
TRL2
12
GP1_DRV_STR
1
GPIO1 output drive strength
0 = 4mA
1 = 8mA
R5891
(1703h)
GPIO2_C
TRL2
12
GP2_DRV_STR
1
GPIO2 output drive strength
0 = 4mA
1 = 8mA
R5893
(1705h)
GPIO3_C
TRL2
12
GP3_DRV_STR
1
GPIO3 output drive strength
0 = 4mA
1 = 8mA
R5895
(1707h)
GPIO4_C
TRL2
12
GP4_DRV_STR
1
GPIO4 output drive strength
0 = 4mA
1 = 8mA
R5897
(1709h)
GPIO5_C
TRL2
12
GP5_DRV_STR
1
GPIO5 output drive strength
0 = 4mA
1 = 8mA
R5899
(170Bh)
GPIO6_C
TRL2
12
GP6_DRV_STR
1
GPIO6 output drive strength
0 = 4mA
1 = 8mA
R5901
(170Dh)
GPIO7_C
TRL2
12
GP7_DRV_STR
1
GPIO7 output drive strength
0 = 4mA
1 = 8mA
R5903
(170Fh)
GPIO8_C
TRL2
12
GP8_DRV_STR
1
GPIO8 output drive strength
0 = 4mA
1 = 8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com