Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 358 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 358 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 354Page - Cirrus Logic CS47L85 Datasheet HTML 355Page - Cirrus Logic CS47L85 Datasheet HTML 356Page - Cirrus Logic CS47L85 Datasheet HTML 357Page - Cirrus Logic CS47L85 Datasheet HTML 358Page - Cirrus Logic CS47L85 Datasheet HTML 359Page - Cirrus Logic CS47L85 Datasheet HTML 360Page - Cirrus Logic CS47L85 Datasheet HTML 361Page - Cirrus Logic CS47L85 Datasheet HTML 362Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 370 page
background image
CS47L85
358
Rev 4.3
RECOMMENDED EXTERNAL COMPONENTS DIAGRAM
CS47L85
IN2ALP
IN2ALN/DMICCLK2
IN2ARP
IN2ARN/DMICDAT2
1
F
Analogue and Digital Inputs
GPIO
GPIO3
GPIO4
MCLK1
MCLK2
Master Clocks
Audio Interface 1
Audio Interface 2
Audio Interface 3
LDOENA
LDO Control
RESET
Reset Control
IN3LP
DMICCLK4
IN3RN/DMICDAT3
IN3RP
IN3LN/DMICCLK3
DMICDAT4
1
F
DMIC
CLK
DAT
CLK
DAT
VDD
CHAN
MICBIAS4
DMIC
GND
VDD
CHAN
GND
MICBIAS3
MICBIAS2
MICBIAS4
MICVDD
Bias / Supplies for
Microphones and External
Accessory Detection
Differential
Microphone
connection
Single-ended
Line
connection
Stereo Digital
Microphone
connection
4.7
F
GPIO1
GPIO2
IRQ
Interrupt Output
SLIMDAT
SLIMCLK
SLIMbus Interface
Digital Speaker
(PDM) interface
SPKCLK1
SPKDAT1
SPKCLK2
SPKDAT2
GPSWP
GPSWN
Audio Interface 4
MICBIAS1
Control Interface 1
MIF1SCLK
MIF1SDA
MIF2SCLK
MIF3SCLK
MIF3SDA
MIF2SDA
Accessory Control
Master I2C Interfaces
DMICCLK6
DMICDAT5
DMICDAT6
DMICCLK5
IN1ALP
IN1RN/DMICDAT1
IN1RP
IN1ALN/DMICCLK1
1
F
MICDET1/HPOUT1FB2
1
F
2.2k
2.2k
MICBIAS1
IN1BN
IN1BP
IN2BLP
IN2BR
IN2BLN
CP1C1A
CP1C1B
2.2
F
GPIO7
GPIO8
GPIO5
GPIO6
CS47L85 supports up to 40 GPIO pins.
Only the dedicated GPIO pins are shown.
CIF3MISO
CIF3MOSI
Control Interface 3
Control Interface 2
VREFC
2.2
F
CIF1MISO
CIF1SS
CIF1SCLK
CIF1MOSI
CIF3SS
CIF3SCLK
CIF2SDA
CIF2SCLK
CP2CA
CP2VOUT
CP2CB
470nF
4.7
F
CP1C2A
CP1VOUT2N
CP1VOUT2P
CP1C2B
2.2
F
4.7
F
4.7
F
CP1VOUT1N
CP1VOUT1P
4.7
F
4.7
F
2 x 4.7
F
4.2V
SPKVDDL
SPKVDDR
SPKOUTLN
SPKOUTRP
SPKOUTRN
SPKOUTLP
Loudspeaker
Loudspeaker
HPOUT1R
HPOUT1FB1/MICDET2
HPOUT1L
Headphone
Note: HPOUT1FB ground
connection close to headset jack
HPDETL
HPDETR
JACKDET1
Jack Detect inputs
HPOUT3R
HPOUT3FB
HPOUT3L
HPOUT2R
HPOUT2FB
HPOUT2L
Line Output
Note: HPOUT2FB ground
connection close to headset jack
Earpiece
Speaker
Outputs HPOUT1, HPOUT2 and
HPOUT3 can be configured as
Stereo pairs or Differential Mono.
JACKDET2
Note:
4 x DCVDD/FLLVDD decoupling capacitors
are recommended; one close to each pin
LDOVDD
CPVDD1
DBVDD1
DBVDD2
DBVDD3
2 x 1.0
F
AVDD1
AVDD2
5 x 0.1
F
DBVDD4
4.7
F
1.8V
CPVDD2
1.2V
4.7
F
500k
TRST
AIF1LRCLK
AIF2RXDAT
AIF2LRCLK
AIF2BCLK
AIF2TXDAT
AIF3RXDAT
AIF3LRCLK
AIF3BCLK
AIF3TXDAT
AIF4RXDAT
AIF4LRCLK
AIF4BCLK
AIF4TXDAT
AIF1RXDAT
AIF1BCLK
AIF1TXDAT
LDOVOUT
DCVDD
FLLVDD
4 x 1.0
F
DCVDD
DCVDD
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com