Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 355 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 355 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 351Page - Cirrus Logic CS47L85 Datasheet HTML 352Page - Cirrus Logic CS47L85 Datasheet HTML 353Page - Cirrus Logic CS47L85 Datasheet HTML 354Page - Cirrus Logic CS47L85 Datasheet HTML 355Page - Cirrus Logic CS47L85 Datasheet HTML 356Page - Cirrus Logic CS47L85 Datasheet HTML 357Page - Cirrus Logic CS47L85 Datasheet HTML 358Page - Cirrus Logic CS47L85 Datasheet HTML 359Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 370 page
background image
CS47L85
Rev 4.3
355
POWER SUPPLY / REFERENCE DECOUPLING
Electrical coupling exists particularly in digital logic systems where switching in one sub-system causes fluctuations on the
power supply. This effect occurs because the inductance of the power supply acts in opposition to the changes in current
flow that are caused by the logic switching. The resultant variations (‘spikes’) in the power supply voltage can cause
malfunctions and unintentional behaviou
r in other components. A decoupling (‘bypass’) capacitor can be used as an energy
storage component which will provide power to the decoupled circuit for the duration of these power supply variations,
protecting it from malfunctions that could otherwise arise.
Coupling also occurs in a lower frequency form when ripple is present on the power supply rail caused by changes in the
load current or by limitations of the power supply regulation method. In audio components such as the CS47L85, these
variations can alter the performance of the signal path, leading to degradation in signal quality. A decoupling capacitor can
be used to filter these effects, by presenting the ripple voltage with a low impedance path that does not affect the circuit to
be decoupled.
These coupling effects are addressed by placing a capacitor between the supply rail and the corresponding ground reference.
In the case of systems comprising multiple power supply rails, decoupling should be provided on each rail.
The recommended power supply decoupling capacitors for CS47L85 are detailed below in Table 136.
POWER SUPPLY
DECOUPLING CAPACITOR
LDOVDD, DBVDD1, DBVDD2, DBVDD3
0.1
F ceramic (see Note)
AVDD1, AVDD2
1.0
F ceramic
CPVDD
4.7
F ceramic
CPVDD2
4.7
F ceramic
MICVDD
4.7
F ceramic
DCVDD, FLLVDD
4 x 1.0
F ceramic - one close to each pin.
Alternatively, a single 4.7
F ceramic.
SPKVDDL, SPKVDDR
4.7
F ceramic
VREFC
2.2
F ceramic
Table 136 Power Supply Decoupling Capacitors
Note: 0.1
F is required with 4.7F a guide to the total required power rail capacitance.
All decoupling capacitors should be placed as close as possible to the CS47L85 device. The connection between AGND,
the AVDD decoupling capacitor and the main system ground should be made at a single point as close as possible to the
AGND balls of the CS47L85.
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the selected components
provide the required capacitance across the required temperature and voltage ranges in the intended application. For most
application the use of ceramic capacitors with capacitor dielectric X5R is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com