Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 352 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 352 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 348Page - Cirrus Logic CS47L85 Datasheet HTML 349Page - Cirrus Logic CS47L85 Datasheet HTML 350Page - Cirrus Logic CS47L85 Datasheet HTML 351Page - Cirrus Logic CS47L85 Datasheet HTML 352Page - Cirrus Logic CS47L85 Datasheet HTML 353Page - Cirrus Logic CS47L85 Datasheet HTML 354Page - Cirrus Logic CS47L85 Datasheet HTML 355Page - Cirrus Logic CS47L85 Datasheet HTML 356Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 370 page
background image
CS47L85
352
Rev 4.3
Earpiece
The HPOUT1FB1 or HPOUT1FB2 pin is
selected by the ACCDET_SRC register bit.
CS47L85
HPOUT1L
HPOUT1R
HPOUT1FB1
HPOUT2L
HPOUT2R
HPOUT2FB
HPOUT1FB2
HPOUT3L
HPOUT3R
HPOUT3FB
Each headphone output can support stereo (single-
ended) or mono (differential) output. The illustration
shows the configuration for a typical application.
Figure 91 Headphone and Earpiece Connection
It is common for ESD diodes to be wired to pins that link to external connectors. This provides protection from potentially
harmful ESD effects. In a typical application, ESD diodes would be recommended for the headphone paths (HPOUT1,
HPOUT2, HPOUT3), when used as external headphone or line output.
The HPOUTn outputs are ground-referenced, and the respective voltages may swing between +1.8V and -1.8V. The ESD
diode configuration must be carefully chosen.
The recommended ESD diode configuration for these ground-referenced outputs is illustrated in Figure 92
. The ‘back-to-
back’ arrangement is necessary in order to prevent clipping and distortion of the output signal.
Note that similar care is required when connecting the CS47L85 outputs to external circuits that provide input path ESD
protection - the configuration on those input circuits must be correctly designed to accommodate ground-referenced signals.
CS47L85
HPOUTnL
HPOUTnR
External Headphone/Line
output connection
External Headphone/Line
output connection
ESD Protection Diodes
Figure 92 ESD Diode Configuration for External Output Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com