Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 353 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 353 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 349Page - Cirrus Logic CS47L85 Datasheet HTML 350Page - Cirrus Logic CS47L85 Datasheet HTML 351Page - Cirrus Logic CS47L85 Datasheet HTML 352Page - Cirrus Logic CS47L85 Datasheet HTML 353Page - Cirrus Logic CS47L85 Datasheet HTML 354Page - Cirrus Logic CS47L85 Datasheet HTML 355Page - Cirrus Logic CS47L85 Datasheet HTML 356Page - Cirrus Logic CS47L85 Datasheet HTML 357Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 370 page
background image
CS47L85
Rev 4.3
353
SPEAKER DRIVER OUTPUT PATH
The CS47L85 incorporates two Class D speaker drivers, offering high amplifier efficiency at large signal levels. As the Class
D output is a pulse width modulated signal, the choice of speakers and tracking of signals is critical for ensuring good
performance and reducing EMI in this mode.
The efficiency of the speaker drivers is affected by the series resistance between the CS47L85 and the speaker (e.g. PCB
track loss and inductor ESR) as shown in Figure 93. This resistance should be as low as possible to maximise efficiency.
GND
Switching
Losses
Class D
output
SPKVDD
SPKVDD/2
Losses due to resistance between output driver and
speaker (e.g. inductor ESR). This resistance must be
minimised in order to maximise efficiency.
Figure 93 Speaker Connection Losses
The Class D output requires external filtering in order to recreate the audio signal. This may be implemented using a 2nd
order LC or 1st order RC filter, or else may be achieved by using a loudspeaker whose internal inductance provides the
required filter response. An LC or RC filter should be used if the loudspeaker characteristics are unknown or unsuitable, or
if the length of the loudspeaker connection is likely to lead to EMI problems.
In applications where it is necessary to provide Class D filter components, a 2nd order LC filter is the recommended solution
as it provides more attenuation at higher frequencies and minimises power dissipated in the filter when compared to a first
order RC filter (lower ESR). This maximises both rejection of unwanted switching frequencies and overall speaker efficiency.
A suitable implementation is illustrated in Figure 94.
CS47L85
C = 3
F
L = 22
H
SPKOUTxP
SPKOUTxN
Fc = low pass 3dB
cut-off frequency
Fc =
1
2
p LC
Figure 94 Class D Output Filter Components
A simple equivalent circuit of a loudspeaker consists of a serially connected resistor and inductor, as shown in Figure 95.
This circuit provides a low pass filter for the speaker output. If the loudspeaker characteristics are suitable, then the
loudspeaker itself can be used in place of the filter components described earlier. This is known as ‘filterless’ operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com