| Electronic Components Datasheet Search |
|
CS47L85 Datasheet(PDF) 350 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L85 Datasheet(HTML) 350 Page - Cirrus Logic |
|
350 / 370 page ![]() CS47L85 350 Rev 4.3 MICROPHONE BIAS CIRCUIT The CS47L85 is designed to interface easily with up to 6 analogue or 8 digital microphones. Each microphone requires a bias current (electret condenser microphones) or voltage supply (silicon microphones); these can be provided by the MICBIAS1, MICBIAS2 or MICBIAS3 regulators on the CS47L85. Note that the MICVDD pin can also be used (instead of MICBIASn) as a reference or power supply for external microphones. The MICBIAS outputs are recommended, as these offer better noise performance and independent enable/disable control. Analogue microphones may be connected in single-ended or differential configurations, as illustrated in Figure 88. The differential configuration provides better performance due to its rejection of common-mode noise; the single-ended method provides a reduction in external component count. A bias resistor is required when using an electret condenser microphone (ECM). The bias resistor should be chosen according to the minimum operating impedance of the microphone and MICBIAS voltage so that the maximum bias current of the CS47L85 is not exceeded. A 2.2k bias resistor is recommended; this provides compatibility with a wide range of microphone components. To ADC PGA VMID IN1xN, IN2xN, IN3xN IN1xP, IN2xP, IN3xP MIC GND MICBIAS To ADC PGA VMID IN1xN, IN2xN, IN3xN IN1xP, IN2xP, IN3xP MIC GND MICBIAS Figure 88 Single-Ended and Differential Analogue Microphone Connections Analogue MEMS microphones can be connected to the CS47L85 as illustrated in Figure 89. In this configuration, the MICBIAS generators provide a low-noise supply for the microphones; a bias resistor is not required. To ADC PGA VREF IN1xN, IN2xN, IN3xN IN1xP, IN2xP, IN3xP MEMS Mic MICBIAS VDD OUT GND GND To ADC PGA VREF IN1xN, IN2xN, IN3xN IN1xP, IN2xP, IN3xP MEMS Mic MICBIAS VDD OUT-P GND GND OUT-N Figure 89 Single-Ended and Differential Analogue Microphone Connections |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |