Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 347 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 347 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 343Page - Cirrus Logic CS47L85 Datasheet HTML 344Page - Cirrus Logic CS47L85 Datasheet HTML 345Page - Cirrus Logic CS47L85 Datasheet HTML 346Page - Cirrus Logic CS47L85 Datasheet HTML 347Page - Cirrus Logic CS47L85 Datasheet HTML 348Page - Cirrus Logic CS47L85 Datasheet HTML 349Page - Cirrus Logic CS47L85 Datasheet HTML 350Page - Cirrus Logic CS47L85 Datasheet HTML 351Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 370 page
background image
CS47L85
Rev 4.3
347
For details of the Boot Sequence
, see “Control Write Sequencer”.
The status of the CS47L85 digital I/O pins following Hardware Reset, Software Reset or Wake-
Up is described in the “Power-
On Reset (POR)
” section.
The Device ID can be read back from Register R0. The Hardware Revision can be read back from Register R1.
The Software Revision can be read back from Register R2. The Software Revision code is incremented if software driver
compatibility or software feature support is changed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (0000h)
Software_R
eset
15:0
SW_RST_DEV_
ID [15:0]
6338h
Writing to this register resets all registers
to their default state.
Reading from this register will indicate
Device ID 6338h.
R1 (0001h)
Hardware_
Revision
7:0
HW_REVISION
[7:0]
Hardware Device revision.
(incremented for every new revision of
the device)
R2 (0002h)
Software_R
evision
6:0
SW_REVISION
[6:0]
Software Device revision.
(incremented if software driver
compatibility or software feature support
is changed)
Table 135 Device Reset and ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com