Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 346 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 346 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 342Page - Cirrus Logic CS47L85 Datasheet HTML 343Page - Cirrus Logic CS47L85 Datasheet HTML 344Page - Cirrus Logic CS47L85 Datasheet HTML 345Page - Cirrus Logic CS47L85 Datasheet HTML 346Page - Cirrus Logic CS47L85 Datasheet HTML 347Page - Cirrus Logic CS47L85 Datasheet HTML 348Page - Cirrus Logic CS47L85 Datasheet HTML 349Page - Cirrus Logic CS47L85 Datasheet HTML 350Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 370 page
background image
CS47L85
346
Rev 4.3
HARDWARE RESET, SOFTWARE RESET, WAKE-UP, AND DEVICE ID
The CS47L85 provides a Hardware Reset function, which is executed whenever the RESET
¯¯¯¯¯¯ input is asserted (logic 0). The
RESET
¯¯¯¯¯¯ input is active low and is referenced to the DBVDD1 power domain.
A Hardware Reset causes almost all of the CS47L85 control registers to be reset to their default states. The only exception
is the contents of the DSP6 firmware memory, which are retained during Hardware Reset, provided DCVDD is held above
its reset threshold.
An internal pull-up resistor is enabled by default on the RESET
¯¯¯¯¯¯ pin; this can be configured using the RESET_PU register bit.
A pull-down resistor is also available, as described in Table 134. When the pull-up and pull-down resistors are both enabled,
the CS47L85
provides a ‘bus keeper’ function on the RESET
¯¯¯¯¯¯ pin. The bus keeper function holds the input logic level
unchanged whenever the external circuit removes the drive (e.g., if the signal is tri-stated).
If the CS47L85 SLIMbus component is in its operational state, then it must be reset prior to scheduling a Hardware Reset.
See
“SLIMbus Interface Control” for details of the SLIMbus reset control messages.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6864
(1AD0h)
AOD_Pad
_Ctrl
1
RESET_PU
1
RESET Pull-up enable
0 = Disabled
1 = Enabled
Note - when RESET_PD and RESET_PU
are both set to ‘1’, then a ‘bus keeper’
function is enabled on the RESET pin.
0
RESET_PD
0
RESET Pull-down enable
0 = Disabled
1 = Enabled
Note - when RESET_PD and RESET_PU
are both set to ‘1’, then a ‘bus keeper’
function is enabled on the RESET pin.
Table 134 Reset Pull-Up Configuration
A Software Reset is executed by writing any value to register R0. A Software Reset causes most of the CS47L85 control
registers to be reset to their default states. Note that the Control Write Sequencer memory and the firmware memory contents
of DSP6 are retained during Software Reset.
Note that the first register read/write operation following a Software Reset may be unsuccessful, if the register access is
attempted via a different Control Interface to the one that commanded the Software Reset. Note that only the first register
read/write is affected, and only when using more than one Control Interface.
A Wake-Up transition (from Sleep mode) is similar to a Software Reset, but selected functions and control registers are
maintained via an ‘Always-On’ internal supply domain. The ‘Always-On’ registers are not reset during Wake-Up. See “Low
Power Sleep Configuration
” for details of the ‘Always-On’ functions.
The Control Write Sequencer memory contents will revert to its default contents following Power-On Reset (POR), Hardware
Reset, or a Sleep mode transition. The control sequences (including any user-defined sequences) are maintained in the
sequencer memory through Software Reset.
The DSP firmware memory contents are cleared following Power-On Reset (POR), or a Sleep mode transition. The firmware
memory contents are not affected by Software Reset, provided DCVDD is held above its reset threshold. On DSP1 to DSP5,
and on DSP7, the firmware memory contents are cleared under Hardware Reset conditions. On DSP6 only, the firmware
memory is retained through Hardware Reset, provided DCVDD is held above its reset threshold.
See the “Applications Information” section for a summary of the CS47L85 memory reset conditions. The DSPn_MEM_ENA
register bits are described in Table 27.
If DCVDD is powered from LDO1, it is recommended that the LDOENA pin is asserted (logic 1) before Hardware Reset or
Software Reset; this ensures the DSP memory contents can be retained, and also allows faster reset time.
Following Hardware Reset, Software Reset or Wake-Up (from Sleep mode), a Boot Sequence is executed. The
BOOT_DONE_STSx register (see Table 132) is de-asserted during Hardware Reset, Software Reset and in Sleep mode.
The BOOT_DONE_STSx register is asserted on completion of the Boot Sequence. Control register writes should not be
attempted until BOOT_DONE_STSx has been asserted.
The BOOT_DONE_STSx status is an input to the Interrupt control circuit and can be used to trigger an Interrupt event - see
“Interrupts”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com