Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 342 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 342 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 338Page - Cirrus Logic CS47L85 Datasheet HTML 339Page - Cirrus Logic CS47L85 Datasheet HTML 340Page - Cirrus Logic CS47L85 Datasheet HTML 341Page - Cirrus Logic CS47L85 Datasheet HTML 342Page - Cirrus Logic CS47L85 Datasheet HTML 343Page - Cirrus Logic CS47L85 Datasheet HTML 344Page - Cirrus Logic CS47L85 Datasheet HTML 345Page - Cirrus Logic CS47L85 Datasheet HTML 346Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 370 page
background image
CS47L85
342
Rev 4.3
output driver. Note that the respective output driver will continue to operate, but the output is current-limited.
The headphone output short circuit detection provides inputs to the Interrupt control circuit and can be used to trigger an
Interrupt event when a short circuit condition is detected - see
“Interrupts”.
The General Purpose Timers (see “DSP Peripheral Control”) can also be used to trigger a shutdown of the Class D speaker
drivers. This is configured using the SPK_SHUTDOWN_TIMER_SEL register field, as described in Table 131.
If one of the General Purpose Timers is selected for the Speaker Shutdown function, and the respective Timer reaches its
final count value, then the Class D speaker drivers will automatically be disabled. When the driver shutdown is complete, an
interrupt event (SPK_SHUTDOWN_EINTn) will be signalled.
To enable the Class D speaker outputs following a Timeout condition, the host processor must disable and re-enable the
output driver(s).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R620
(026Dh)
SPK_Wat
chdog_1
3:0
SPK_SHUTDO
WN_TIMER_SE
L [3:0]
0h
Speaker Shutdown Timer select
0h = Disabled
1h = Timer 1
2h = Timer 2
3h = Timer 3
4h = Timer 4
5h = Timer 5
6h = Timer 6
7h = Timer 7
8h = Timer 8
All other codes are Reserved
Table 131 Speaker Shutdown - Timer Control
The Thermal status, Class D Speaker Short Circuit protection, and Class D Speaker shutdown flags can be output directly
on a GPIO pin as an external indication of the associated events. See
“General Purpose Input / Output” to configure a GPIO
pin for this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com