Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 341 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 341 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 337Page - Cirrus Logic CS47L85 Datasheet HTML 338Page - Cirrus Logic CS47L85 Datasheet HTML 339Page - Cirrus Logic CS47L85 Datasheet HTML 340Page - Cirrus Logic CS47L85 Datasheet HTML 341Page - Cirrus Logic CS47L85 Datasheet HTML 342Page - Cirrus Logic CS47L85 Datasheet HTML 343Page - Cirrus Logic CS47L85 Datasheet HTML 344Page - Cirrus Logic CS47L85 Datasheet HTML 345Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 370 page
background image
CS47L85
Rev 4.3
341
JTAG INTERFACE
The JTAG interface provides test and debug access to the CS47L85 DSP core. The interface comprises 5 pins, as detailed
below.
TCK: Clock input
TDI: Data input
TDO: Data output
TMS: Mode select input
TRST: Test Access Port reset input (active low)
For normal operation (test and debug access disabled), the JTAG interface should be held in reset (i.e., TRST should be at
logic 0). An internal pull-down resistor holds the TRST pin low when not actively driven. External connection to DGND is
recommended, if the JTAG interface function is not required.
The other JTAG input pins (TCK, TDI, TMS) should also be held at logic 0 for normal operation. An internal pull-down resistor
holds these pins low when not actively driven.
If the JTAG interface is enabled (TRST de-asserted, and TCK active) at the time of Power-On Reset, or any other Reset,
then a Software Reset must be scheduled, with the TCK input stopped or TRST asserted (logic ‘0’), before using the JTAG
interface.
As a general rule, it is recommended to always schedule a Software Reset before starting the JTAG clock, or de-asserting
the JTAG reset. In this event, the JTAG interface should be held in its reset state until the Software Reset has completed,
and the BOOT_DONE_STSx bits have been set.
See “Hardware Reset, Software Reset, Wake-Up, and Device ID” for further details of the CS47L85 Software Reset.
Note that DSPCLK must be present and enabled, if the
JTAG interface is enabled. See “Clocking and Sample Rates” for
further details of the CS47L85 system clocks.
THERMAL SHUTDOWN AND SHORT CIRCUIT PROTECTION
The CS47L85 incorporates thermal protection functions, and also provides short-circuit detection on the Class D speaker
and headphone output paths, as described below.
The temperature sensor detects when the device temperature is within normal limits or if the device is approaching a
hazardous temperature condition.
The temperature sensor is an input to the Interrupt control circuit and can be used to trigger an Interrupt event - see
“Interrupts”. A two-stage indication is provided, via the SPK_OVERHEAT_WARN_EINTn and SPK_OVERHEAT_EINTn
interrupts.
If the upper temperature threshold (SPK_OVERHEAT_EINTn) is exceeded, then the Class D speaker outputs will
automatically be disabled in order to protect the device. When the speaker driver shutdown is complete, a further interrupt,
SPK_SHUTDOWN_EINTn, will be asserted.
The short circuit detection function for the Class D speaker outputs is triggered when the respective output drivers are
enabled (using the register bits described in Table 71). If a short circuit is detected at this time, then the enable will be
unsuccessful, and the respective output driver will not be enabled.
The Class D speaker short circuit detection provides inputs to the Interrupt control circuit and can be used to trigger an
Interrupt event - see
“Interrupts”.
If the Class D speaker short circuit condition is detected, then the respective driver(s) will automatically be disabled in order
to protect the device. When the speaker driver shutdown is complete, a further interrupt, SPK_SHUTDOWN_EINTn, will be
asserted.
To enable the Class D speaker outputs following a short circuit detection, the host processor must disable and re-enable
the output driver(s). Note that the short circuit status bits will always be cleared when the drivers are disabled.
The short circuit detection function for the headphone output paths operates continuously whilst the respective output driver
is enabled. If a short circuit is detected on any headphone output, then current limiting is applied, in order to protect the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com