Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 343 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 343 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 339Page - Cirrus Logic CS47L85 Datasheet HTML 340Page - Cirrus Logic CS47L85 Datasheet HTML 341Page - Cirrus Logic CS47L85 Datasheet HTML 342Page - Cirrus Logic CS47L85 Datasheet HTML 343Page - Cirrus Logic CS47L85 Datasheet HTML 344Page - Cirrus Logic CS47L85 Datasheet HTML 345Page - Cirrus Logic CS47L85 Datasheet HTML 346Page - Cirrus Logic CS47L85 Datasheet HTML 347Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 370 page
background image
CS47L85
Rev 4.3
343
POWER-ON RESET (POR)
The CS47L85 will remain in the reset state until AVDD, DBVDD1 and DCVDD are all above their respective reset thresholds.
Note that specified device performance is not assured outside the voltage ranges defined in the “Recommended Operating
Conditions
” section.
Refer to “Recommended Operating Conditions” for the CS47L85 power-up sequencing requirements.
If DCVDD is powered from LDO1, then the DCVDD supply must be enabled using the LDOENA pin for the initial power-up.
Note that subsequent interruption to DCVDD should only be permitted as part of a control sequence for entering Sleep mode.
After the initial power-up, the Power-On Reset will be re-scheduled following an interruption to the DBVDD1 or AVDD
supplies.
If the CS47L85 SLIMbus component is in its operational state, then it must be reset prior to scheduling a Power-On Reset.
See “SLIMbus Interface Control” for details of the SLIMbus reset control messages.
Following Power-On Reset (POR), a Boot Sequence is executed. The BOOT_DONE_STSx register is asserted on
completion of the Boot Sequence, as described in Table 132. Control register writes should not be attempted until
BOOT_DONE_STSx has been asserted.
The BOOT_DONE_STS signal is an input to the Interrupt control circuit and can be used to trigger an Interrupt event on
completion of the Boot Sequence - s
ee “Interrupts”. Under default register conditions, a falling edge on the IRQ
¯¯¯ pin will
indicate completion of the Boot Sequence.
For details of the Boot Sequence
, see “Control Write Sequencer”.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6272
(1880h)
IRQ1_Ra
w_Status_
1
7
BOOT_DONE_S
TS1
0
Boot Status
0 = Busy (boot sequence in progress)
1 = Idle (boot sequence completed)
Control register writes should not be
attempted until Boot Sequence has
completed.
R6528
(1980h)
IRQ2_Ra
w_Status_
1
7
BOOT_DONE_S
TS2
0
Boot Status
0 = Busy (boot sequence in progress)
1 = Idle (boot sequence completed)
Control register writes should not be
attempted until Boot Sequence has
completed.
Table 132 Device Boot-Up Status
The CS47L85 is in Sleep mode when AVDD and DBVDD1 are present, and DCVDD is below its reset threshold. (Note that
specific control requirements are also applicable for entering Sleep mode, as described in “Low Power Sleep Configuration”.)
In Sleep mode, most of the Digital Core (and control registers) are held in reset; selected functions and control registers are
maintained via an ‘Always-On’ internal supply domain. See “Low Power Sleep Configuration” for details of the ‘Always-On’
functions.
See “Hardware Reset, Software Reset, Wake-Up, and Device ID” for details of the Wake-Up transition (exit from Sleep
mode).
Table 133 describes the default status of the CS47L85 digital I/O pins on completion of Power-On Reset, prior to any register
writes. The same default conditions are also applicable on completion of a Hardware Reset or Software Reset (see
“Hardware Reset, Software Reset, Wake-Up, and Device ID”).
The same default conditions are applicable following a Wake-Up transition, except for the IRQ
¯¯¯, LDOENA and RESET
¯¯¯¯¯¯ pins.
These are ‘Always-On’ pins whose configuration is unchanged in Sleep mode and during a Wake-Up transition.
Note that the default conditions described in Table 133
will not be valid if modified by the Boot Sequence or by a ‘Wake-Up’
control sequence.
See “Control Write Sequencer” for details of these functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com