Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 338 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 338 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 334Page - Cirrus Logic CS47L85 Datasheet HTML 335Page - Cirrus Logic CS47L85 Datasheet HTML 336Page - Cirrus Logic CS47L85 Datasheet HTML 337Page - Cirrus Logic CS47L85 Datasheet HTML 338Page - Cirrus Logic CS47L85 Datasheet HTML 339Page - Cirrus Logic CS47L85 Datasheet HTML 340Page - Cirrus Logic CS47L85 Datasheet HTML 341Page - Cirrus Logic CS47L85 Datasheet HTML 342Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 370 page
background image
CS47L85
338
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R528
(0210h)
LDO1_Co
ntrol_1
10:5
LDO1_VSEL [5:0]
0Ch
LDO1 Output Voltage Select
0Ch = 1.200V
All other codes are Reserved
2
LDO1_DISCH
1
LDO1 Discharge
0 = LDOVOUT floating when disabled
1 = LDOVOUT discharged when disabled
R531
(0213h)
LDO2_Co
ntrol_1
10:5
LDO2_VSEL [5:0]
1Fh
LDO2 Output Voltage Select
00h = 0.900V
01h = 0.925V
02h = 0.950V
… (25mV steps)
13h = 1.375V
14h = 1.400V
15h = 1.500V
16h = 1.600V
… (100mV steps)
26h = 3.200V
27h to 3Fh = 3.300V
(See Table 130 for voltage range)
2
LDO2_DISCH
1
LDO2 Discharge
0 = MICVDD floating when disabled
1 = MICVDD discharged when disabled
R536
(218h)
Mic_Bias_
Ctrl_1
15
MICB1_EXT_CA
P
0
Microphone Bias 1 External Capacitor
(when MICB1_BYPASS = 0).
Configures the MICBIAS1 regulator
according to the specified capacitance
connected to the MICBIAS1 output.
0 = No external capacitor
1 = External capacitor connected
8:5
MICB1_LVL [3:0]
7h
Microphone Bias 1 Voltage Control
(when MICB1_BYPASS = 0)
0h = 1.5V
1h = 1.6V
… (0.1V steps)
Ch = 2.7V
Dh to Fh = 2.8V
3
MICB1_RATE
0
Microphone Bias 1 Rate (Bypass mode)
0 = Fast start-up / shut-down
1 = Pop-free start-up / shut-down
2
MICB1_DISCH
1
Microphone Bias 1 Discharge
0 = MICBIAS1 floating when disabled
1 = MICBIAS1 discharged when disabled
1
MICB1_BYPASS
1
Microphone Bias 1 Mode
0 = Regulator mode
1 = Bypass mode
0
MICB1_ENA
0
Microphone Bias 1 Enable
0 = Disabled
1 = Enabled
R537
(219h)
Mic_Bias_
Ctrl_2
15
MICB2_EXT_CA
P
0
Microphone Bias 2 External Capacitor
(when MICB2_BYPASS = 0).
Configures the MICBIAS2 regulator
according to the specified capacitance
connected to the MICBIAS2 output.
0 = No external capacitor
1 = External capacitor connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com