Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 334 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 334 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 330Page - Cirrus Logic CS47L85 Datasheet HTML 331Page - Cirrus Logic CS47L85 Datasheet HTML 332Page - Cirrus Logic CS47L85 Datasheet HTML 333Page - Cirrus Logic CS47L85 Datasheet HTML 334Page - Cirrus Logic CS47L85 Datasheet HTML 335Page - Cirrus Logic CS47L85 Datasheet HTML 336Page - Cirrus Logic CS47L85 Datasheet HTML 337Page - Cirrus Logic CS47L85 Datasheet HTML 338Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 370 page
background image
CS47L85
334
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
WSEQ_DATA0
[7:0]
00h
Data to be written in this sequence
step. When the data width is less
than 8 bits, then one or more of the
MSBs of WSEQ_DATAn are ignored.
It is recommended that unused bits
be set to 0.
Table 126 Write Sequencer Control - Programming a Sequence
SEQUENCER MEMORY DEFINITION
The Write Sequencer memory defines up to 508 write operations; these are indexed as 0 to 507 in the sequencer memory
map.
The Write Sequencer memory will revert to its default contents following Power-On Reset (POR), Hardware Reset, or a
Sleep mode transition, In these cases, the sequence memory will contain the Boot Sequence, and the OUT1, OUT2, OUT3,
OUT4 signal path enable/disable sequences; the remainder of the sequence memory will be undefined.
User-defined sequences can be programmed after power-up. The user-defined control sequences must be reconfigured by
the host processor following Power-On Reset (POR), Hardware Reset, or following a Sleep mode transition. Note that all
control sequences are maintained in the sequencer memory through Software Reset. See the “Applications Information”
section for a summary of the CS47L85 memory reset conditions.
The default control sequences can be overwritten in the sequencer memory, if required. Note that the headphone and
earpiece output path enable registers (HPnx_ENA, SPKOUTx_ENA) will always trigger the Write Sequencer (at the pre-
determined start index addresses).
Writing ‘1’ to the WSEQ_LOAD_MEM bit will clear the sequencer memory to the POR state.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (0018h)
Write_Sequen
cer_Ctrl_2
0
WSEQ_LOAD_
MEM
0
Writing a 1 to this bit resets the
sequencer memory to the POR state.
Table 127 Write Sequencer Control - Load Memory Control
The sequencer memory is summarised in Table 128. User-defined sequences should be assigned space within the allocated
portion (‘user space’) of the Write Sequencer memory.
The start index for the user-defined sequences is configured using the registers described in Table 119 through to Table
123.
DESCRIPTION
SEQUENCE INDEX RANGE
Default Sequences
0 to 302
User Space
303 to 383
Boot Sequence
384 to 507
Table 128 Write Sequencer Memory Allocation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com