Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 330 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 330 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 326Page - Cirrus Logic CS47L85 Datasheet HTML 327Page - Cirrus Logic CS47L85 Datasheet HTML 328Page - Cirrus Logic CS47L85 Datasheet HTML 329Page - Cirrus Logic CS47L85 Datasheet HTML 330Page - Cirrus Logic CS47L85 Datasheet HTML 331Page - Cirrus Logic CS47L85 Datasheet HTML 332Page - Cirrus Logic CS47L85 Datasheet HTML 333Page - Cirrus Logic CS47L85 Datasheet HTML 334Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 370 page
background image
CS47L85
330
Rev 4.3
MICDET CLAMP SEQUENCES
The CS47L85 supports external accessory detection functions, including the MICDET Clamp circuit. The MICDET Clamp
status can be used to trigger the Control Write Sequencer. The MICDET Clamp is controlled by the JD1 and/or JD2 signals,
as described in Table 86.
A Control Write Sequence can be associated with a rising edge and/or a falling edge of the MICDET Clamp status. This is
configured using the register bits described in Table 86.
If one of the selected logic conditions is detected, the Control Write Sequencer will be triggered. The applicable start index
location within the sequencer memory is separately configurable for the rising and falling edge conditions.
The WSEQ_MICD_CLAMP_RISE_INDEX register defines the sequencer start index corresponding to a MICDET Clamp
Rising Edge (Clamp active) event, as described in Table 122. The WSEQ_MICD_CLAMP_FALL_INDEX register defines
the sequencer start index corresponding to a MICDET Clamp Falling Edge event.
Note that a sequencer start index of 1FFh will cause the respective sequence to be aborted.
The MICDET Clamp control sequences are undefined following Power-On Reset (POR), Hardware Reset, or following a
Sleep mode transition. The MICDET Clamp control sequences must be reconfigured by the host processor following any of
these events. Note that all control sequences are maintained in the sequencer memory through Software Reset.
See “External Accessory Detection” for further details of the MICDET Clamp status signals.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R102
(0066h)
Always_On
_Triggers_S
equence_S
elect_1
8:0
WSEQ_MICD_CL
AMP_RISE_INDE
X [8:0]
1FFh
MICDET Clamp (Rising) Write Sequence
start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with MICDET Clamp (Rising) detection.
Valid from 0 to 507 (1FBh).
R103
(0067h)
Always_On
_Triggers_S
equence_S
elect_2
8:0
WSEQ_MICD_CL
AMP_FALL_INDE
X [8:0]
1FFh
MICDET Clamp (Falling) Write Sequence
start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with MICDET Clamp (Falling) detection.
Valid from 0 to 507 (1FBh).
Table 122 Write Sequencer Control - MICDET Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com