Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 327 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 327 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 323Page - Cirrus Logic CS47L85 Datasheet HTML 324Page - Cirrus Logic CS47L85 Datasheet HTML 325Page - Cirrus Logic CS47L85 Datasheet HTML 326Page - Cirrus Logic CS47L85 Datasheet HTML 327Page - Cirrus Logic CS47L85 Datasheet HTML 328Page - Cirrus Logic CS47L85 Datasheet HTML 329Page - Cirrus Logic CS47L85 Datasheet HTML 330Page - Cirrus Logic CS47L85 Datasheet HTML 331Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 370 page
background image
CS47L85
Rev 4.3
327
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R94
(005Eh)
Spare_Seq
uence_Sele
ct_12
8:0
WSEQ_TRG12_I
NDEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG12 trigger.
Valid from 0 to 507 (1FBh).
R104
(0068h)
Spare_Seq
uence_Sele
ct_13
8:0
WSEQ_TRG13_I
NDEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG13 trigger.
Valid from 0 to 507 (1FBh).
R105
(0069h)
Spare_Seq
uence_Sele
ct_14
8:0
WSEQ_TRG14_I
NDEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG14 trigger.
Valid from 0 to 507 (1FBh).
R106
(006Ah)
Spare_Seq
uence_Sele
ct_15
8:0
WSEQ_TRG15_I
NDEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG15 trigger.
Valid from 0 to 507 (1FBh).
R107
(006Bh)
Spare_Seq
uence_Sele
ct_16
8:0
WSEQ_TRG16_I
NDEX [8:0]
1FFh
Write Sequence trigger 1 start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with the WSEQ_TRG16 trigger.
Valid from 0 to 507 (1FBh).
Table 119 Write Sequencer Control - Initiating a Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com